Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7142LA55CGB8 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 7142LA55CGB8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA55CGB8 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 7142LA55CGB8 Datasheet HTML 8Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 9Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 10Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 11Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 12Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 13Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 14Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 15Page - Integrated Device Technology 7142LA55CGB8 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
15
Ordering Information
NOTES:
1. Industrial temperature range is available. For specific speeds, packages and powers contact your sales office.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
3. 25nsspeedgradenotavailableinDIPpackages.
4. For “P”, Plastic DIP, when ordering green package, the suffix is “PDG”.
Datasheet Document History
03/24/99:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2 and 3
Addedadditionalnotestopinconfigurations
06/08/99:
Changeddrawingformat
08/26/99:
Page 14
Changed Busy Logic and Width Expansion copy
11/10/99:
Replaced IDT logo
01/12/00:
Pages 1 and 2
Moved full "Description" to page 2 and adjusted page layouts
Page 1
Added "(LAonly)" to paragraph
Page 2
Fixed P48-1 body package description
Page 3
Increasedstoragetemperatureparameters
ClarifiedTA parameter
Page 4
DCElectricalparameters–changedwordingfrom"open"to"disabled"
Page 6
Added asteriks to Figures 1 and 3 in drw 06
Page 14
Correctedpartnumbers
Changed ±500mV to 0mV in notes
DatasheetDocumentHistorycontinuedonpage16
XXXX
A
999
AA
Device
Type
Power Speed Package
Process/
Temperature
Range
BLANK
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
P(4)
C
J
L48
F
48-pin Plastic DIP (P48)
48-pin Sidebraze DIP (C48)
52-pin PLCC (J52)
48-pin LCC (L48)
48-pin Ceramic Flatpack (F48)
20
25(3)
35
55
100
Commercial PLCC Only
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
Commercial & Military
LA
SA
Low Power
Standard Power
7132
7142
16K (2K x 8-Bit) MASTER Dual-Port RAM
16K (2K x 8-Bit) SLAVE Dual-Port RAM
Speed in nanoseconds
2692 drw 16
A
G(2)
Green
BLANK
8
Tube or Tray
Tape and Reel
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com