Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93718 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93718
Description  DDR and SDRAM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93718 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93718 Datasheet HTML 1Page - Integrated Circuit Systems ICS93718 Datasheet HTML 2Page - Integrated Circuit Systems ICS93718 Datasheet HTML 3Page - Integrated Circuit Systems ICS93718 Datasheet HTML 4Page - Integrated Circuit Systems ICS93718 Datasheet HTML 5Page - Integrated Circuit Systems ICS93718 Datasheet HTML 6Page - Integrated Circuit Systems ICS93718 Datasheet HTML 7Page - Integrated Circuit Systems ICS93718 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS93718
0434D—10/10/03
Recommended Operating Condition
SEL_DDR=0 SDRAM Outputs VDD=3.3V, TA = 0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD3.3_2.5
3.0
3.3
3.6
VDD2.5
2.3
2.5
2.7
Input High Voltage
VIH
SEL_DDR, PD# input
2.0
V
Input Low Voltage
VIL
SEL_DDR, PD# input
0.8
V
Input voltage level
VIN
VDD
V
1Guaranteed by design, not 100% tested in production.
V
Power Supply Voltage
Absolute Maximum Ratings
Supply Voltage (VDD & VDD2.5) . . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
SEL_DDR = 0 SDRAM Outputs VDD = 3.3V, TA = 0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
110
µA
Input Low Current
IIL
VI
= V
DD or GND
-100
-20
µA
IDD3.3_2.5
CL = 0pf, 133MHz
200
250
mA
IDD2.5
CL = 0pf, 133MHz
100
200
mA
IDDPD
CL = 0pf, all frequencies
310
mA
Output High Current
IOH
VDD = 3.3V
, V
OUT = 1V
-74
-18
mA
Output Low Current
IOL
VDD = 3.3V
, V
OUT = 1.2V
26
42
mA
VDD = 3.3V,
VOH = -12mA
VDD = 3.3V
IOH= 12mA
Input Capacitance
1
CIN
VI
= GND or V
DD
2pF
1Guaranteed by design, not 100% tested in production.
V
Low-level output voltage
VOL
0.4
0.35
2.95
Operating Supply Current
High-level output voltage VOH
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com