Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EXP Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3EXP
Description  Chassis or PC Board Mountable Power Line Filters for Emission Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3EXP Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3EXP Datasheet HTML 1Page - TE Connectivity Ltd 3EXP Datasheet HTML 2Page - TE Connectivity Ltd 3EXP Datasheet HTML 3Page - TE Connectivity Ltd 3EXP Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
92
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Z Series
X, Y, Z Series
X, Y, Z Series
Chassis or PC Board Mountable Power Line Filters for Emission Control
Maximum leakage current each Line to Ground:
@ 120 VAC 60 Hz:
.30 mA
@250 VAC 50 Hz:
.50 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 6A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Compact chassis or PC board mountable
• Three levels of performance
• Complete filtering solution in minimal size
Ordering Information
3 E X 1
Input / Output Style
1 – .250 [6.3] spade terminals
P – PC board pins
X, Y or Z Series
Leakage current designation
E – Low leakage (<0.5 mA)
Current Rating
1, 2, 3, 4 or 6A
Specifications
UL Recognized
CSA Certified
VDE Approved
3EX1 / 3EZ1
XP / YP / ZP
Electrical Schematic
LINE
LOAD
• Designed to bring most digital equipment
(including those with switching power supplies)
into compliance with FCC Part 15J, Class B
conducted emission limits
Y Series
• Designed to bring most digital equipment
(including those with switching power supplies)
into compliance with EN55022, Level A and FCC
Part 15J, Class B conducted emission limits
• Designed to bring most digital equipment
(including those with switching power supplies)
into compliance with EN55022, Level B and FCC
Part 15J, Class B conducted emission limits
X Series
Available Part Numbers
3EXP
4EYP
3EX1
1EZP
4EXP
2EZP
6EXP
3EZP
2EYP
3EZ1
3EYP


Similar Part No. - 3EXP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EXP MACOM-3EXP Datasheet
431Kb / 2P
PC Board Mountable RFI Power Line Filters for Emission Control Applications
3EXP MACOM-3EXP Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
3EXP MACOM-3EXP_11 Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
More results

Similar Description - 3EXP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
PC Board Mountable RFI Power Line Filters for Emission Control Applications
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
3EXP MACOM-3EXP_11 Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
3VS1 MACOM-3VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
3VSK1 MACOM-3VSK1_11 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
3VV1 MACOM-3VV1 Datasheet
208Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
logo
TE Connectivity Ltd
3VS1 TEC-3VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
High Performance K Series RFI Line Filters for SMPS Emission Control
3VV1 TEC-3VV1 Datasheet
208Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com