Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EHT3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 3EHT3
Description  High Performance RFI Power Line Filters for Medical Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3EHT3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3EHT3 Datasheet HTML 1Page - TE Connectivity Ltd 3EHT3 Datasheet HTML 2Page - TE Connectivity Ltd 3EHT3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
42
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance Power Line Filters for Medical Equipment (continued)
HT Series
Performance Data
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
3EHT
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz


          

           

         

          

         
6EHT
10EHT
15EHT
Differential Mode / Symmetrical (Line to Line)
Part No.
A
B
CD
E






3EHT1,
6EHT1










3EHT3,
6EHT3










3EHT7 / 7M,
6EHT7 / 7M










10EHT1










10EHT3










15EHT1










15EHT6










Case Dimensions

Recommended Panel Cutout
1.575
40.01
0.910
23.1
0.157
3.98
Dia.
0.235
5.96
R
1.295
32.89



          

          

          

          

           
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com