Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6VM4SC Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 6VM4SC
Description  Slim Power Entry Module Family with Multiple Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6VM4SC Datasheet(HTML) 4 Page - TE Connectivity Ltd

  6VM4SC Datasheet HTML 1Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 2Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 3Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 4Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 5Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 6Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 7Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 8Page - TE Connectivity Ltd 6VM4SC Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
186
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
M Series
Slim Power Entry Module Family with Multiple Options (continued)
Electrical Schematics
K
L
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Customer
Transformer Primaries
L
K
120V
VM1
B
D
E
F
A
C
D
E
F
HB
J
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Note 1
Note 1
Note 4
120V
240V
Customer
Transformer Primaries
L
K
C
F
A
120V
120V
120V
120V
VM2
A
C
D
E
F
A
C
D
E
F
HB
J
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Note 1
Note 1
120V
100V
230V
240V
Customer
Transformer Primaries
L
K
20V
100V
120V
VM4










Neutral
Phase
Power On/Off
Note 2
Note 3
Note 1
HB
J
F
G
FM1 & HM1
Customer
Transformer Primaries
Neutral
Phase
Power On/Off
Note 4
Note 4
Note 3
Note 2
Note 1
120V
100V
230V
240V
A
C
D
E
F
A
C
D
E
F
H
B
J
G
K
L
20V
100V
120V
FM4 & HM4
Neutral
Phase
Power On/Off
Note 2
Note 1
HB
JF
G
XM1 & ZM1
Neutral
Phase
Power On/Off
Note 1
Note 2
Note 4
Note 4
120V
100V
230V
240V
A
C
D
E
F
A
C
D
E
F
H
B
J
G
20V
100V
120V
K
L
Customer
Transformer Primaries
XM4 & ZM4







 
 
Non-Filtered Models
Filtered Models



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com