Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCD Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # FCD
Description  Insulated safety terminals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCD Datasheet(HTML) 3 Page - TE Connectivity Ltd

  FCD Datasheet HTML 1Page - TE Connectivity Ltd FCD Datasheet HTML 2Page - TE Connectivity Ltd FCD Datasheet HTML 3Page - TE Connectivity Ltd FCD Datasheet HTML 4Page - TE Connectivity Ltd FCD Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
120
FCD Series
3-phase Delta External Filter for Frequency Converters (continued)
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
180 to 230FCD10B\BS
Case Styles (continued)
A
C
BD
Center slot on
180 & 230A only
F
E
Slots:
.260
6.61
Terminals
Case Dimensions
Part No.
A
B
C
D
E
F
  





6FCD10
     
     
12FCD10/10B
16FCD10/10B
     
     
25FCD10/10B
36FCD10/10B
50FCD10/10B
     
     
50FCD10BS
     
     
80FCD10B/BS
110FCD10B/BS
150FCD10B/BS
     
     
150FCD10B-95
150FCD10BS-95
     
     
180FCD10B/BS
230FCD10B/BS
     
     
Performance Data
Typical Insertion Loss
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Part No.
Terminal
Size
Torque max.
lbf-in [N-m]
6FCD10
Ground
8-32
20.7 [2.34]
Line/Load
4mm²
terminal block
7.08 [0.8]
12FCD10/10B
16FCD10/10B
Ground
M5
26.58 [3.0]
Line/Load
4mm²
terminal block
7.08 [0.8]
25FCD10/10B
36FCD10/10B
Ground
M5
26.58 [3.0]
Line/Load
6mm²
terminal block
15.93 [1.8]
50FCD10/10B
Ground
M5
26.58 [3.0]
Line/Load
10mm²
terminal block
15.93 [1.8]
50FCD10BS
Ground
M10
88.5 [10.0]
Line/Load
16mm²
terminal block
20.36 [2.3]
80 to 150FCD10B
80 to 150FCD10BS
Ground
M10
88.5 [10.0]
Line/Load
50mm²
terminal block
70.80 [8.0]
150FCD10B/BS-95
180FCD10B/BS
230FCD10B/BS
Ground
M10
88.5 [10.0]
Line/Load
95mm²
terminal block
177.0 [20.0]
6FCD10
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
12FCD10
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com