Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH1000 Datasheet(PDF) 13 Page - LUXPIA

Part # LSH1000
Description  Soldering methods
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LSH1000 Datasheet(HTML) 13 Page - LUXPIA

Back Button LSH1000 Datasheet HTML 7Page - LUXPIA LSH1000 Datasheet HTML 8Page - LUXPIA LSH1000 Datasheet HTML 9Page - LUXPIA LSH1000 Datasheet HTML 10Page - LUXPIA LSH1000 Datasheet HTML 11Page - LUXPIA LSH1000 Datasheet HTML 12Page - LUXPIA LSH1000 Datasheet HTML 13Page - LUXPIA LSH1000 Datasheet HTML 14Page - LUXPIA LSH1000 Datasheet HTML 15Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
(Version 1.0)
12/14
11. Warranty
(1) Luxpia warrants that its LEDs conform to the foregoing specifications and that Luxpia will convey good title
to all LEDs sold.
(2) LUXPIA disclaims all other warranties including the implied warranties of merchantability and fitness for a
particular purpose.
(3) In the event any LED supplied by Luxpia is found not to conform to the foregoing specifications within
ninety days of receipt, Luxpia will repair or replace the LED, at Luxpia’s discretion, provided that the User (a)
promptly notifies Luxpia in writing of the details of the defect (b) ships the LEDs at the User’s expense to
Luxpia for examination, and (c) the defect is due to the negligence of Luxpia and not mishandling or misuse
by the User.
(4) Luxpia will not take responsibility for any trouble that is caused by using the LEDs at conditions exceeding
our specifications.
(5) These specifications are applied only when a LED stands alone and it is strongly recommended that the
User of the LEDs confirms the properties upon assembly. Luxpia is not responsible for failures caused during
and after assembling. It will be excepted from the rule if the failure would caused undoubtedly by Luxpia.
(6) A claim report stating details about the defect shall be made when returning defective LEDs. Luxpia will
investigate the report immediately and inform the user of the results.
(7) LUXPIA’s liability for defective lamps shall be limited to replacement and in no event shall LUXPIA be liable
for consequential damage or lost profits.
(8) LUXPIA’s guarantees that the chip paste and material stuck paste should not be blackened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com