Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5689 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5689
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5689 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5689 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5689 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5689 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5689 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5689
No.6654-3/4
0
0
PC -- Tc
IT02426
40
30
20
10
60
50
80
70
90
40
20
100
120
60
80
140
160
0
0
1.0
0.5
1.5
PC -- Ta
IT02389
2.0
2.5
3.0
3.5
60
40
20
80
160
120
140
100
No
heat
sink
IT02422
0.1
0.1
SW Time -- IC
1.0
23
5
7
23
5
7
10
2
3
5
7
10
2
3
5
7
1.0
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
IT02424
IT02425
Reverse Bias A S O
1.0
Forward Bias A S O
23
5
7 10
23
5
7
23
5
7
100
1000
0.01
100
7
5
3
2
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
100
1000
23
5
7
2
0.1
2
3
5
100
7
2
3
5
10
7
2
3
5
1.0
7
Tc=25
°C
Single pulse
P
C =80W
tstg
tf
IT02423
0.1
0.1
SW Time -- IB2
1.0
23
5
7
23
5
7
10
2
3
5
7
10
2
3
5
7
1.0
VCC=200V
IC=5A
IB1=1A
R load
tstg
tf
ICP=25A
IC=10A
L=500
µH
IB2= --3A
Tc=25
°C
Single pulse
Collector Current, IC -- A
Base Current, IB2 -- A
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com