Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO809P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO809P
Description  Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO809P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISO809P Datasheet HTML 1Page - Burr-Brown (TI) ISO809P Datasheet HTML 2Page - Burr-Brown (TI) ISO809P Datasheet HTML 3Page - Burr-Brown (TI) ISO809P Datasheet HTML 4Page - Burr-Brown (TI) ISO809P Datasheet HTML 5Page - Burr-Brown (TI) ISO809P Datasheet HTML 6Page - Burr-Brown (TI) ISO809P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
®
ISO809
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors shown in Figure 3, unless otherwise specified.
ISO809P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ISOLATION PARAMETERS
Rated Voltage, Continuous
50Hz
1500
Vrms
Partial Discharge, 100% Test(8)
1s, 5pC
2500
Vrms
Creepage Distance (External) DIP = “P” Package
16
mm
Internal Isolation Distance
0.10
mm
Barrier Impedance
>1013 II 15
Ω II pF
Leakage Current(9)
240Vrms, 60Hz
1.2
µArms
240Vrms, 50Hz
1.0
µArms
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Ranges
±10V, 0V to 5V, etc. (See Table I)
Impedance
See Table I
Capacitance
35
pF
THROUGHPUT SPEED
Conversion Time
7.6
8
µs
Complete Cycle
Acquire and Convert
10
µs
Throughput Rate
100
kHz
DC ACCURACY
Integral Linearity Error
±4
LSB(1)
Differential Linearity Error
±4
LSB
No Missing Codes
15
Transition Noise(2)
1.3
LSB
Full Scale Error(3,4)
±0.5
%
Full Scale Error Drift
±7
ppm/
°C
Full Scale Error Drift
Ext. 2.5000V Ref
±2
ppm/
°C
Bipolar Zero Error(3)
Bipolar Ranges
±10
mV
Bipolar Zero Error Drift
Bipolar Ranges
±2
ppm/
°C
Unipolar Zero Error(3)
Unipolar Ranges
3
mV
Unipolar Zero Error Drift
Unipolar Ranges
±2
ppm/
°C
Power Supply Sensitivity (VDIG = VANA = VD)
+4.75V < VD < +5.25V
8
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 45kHz ±10V
100
dB(5)
Total Harmonic Distortion
fIN = 45kHz ±10V
–100
dB
Signal-to-(Noise+Distortion)
fIN = 45kHz ±10V
88
dB
Signal-to-Noise
fIN = 45kHz ±10V
88
dB
Full-Power Bandwidth(6)
250
kHz
SAMPLING DYNAMICS
Aperture Delay
40
ns
Aperture Jitter
Sufficient to meet AC specs
ns
Overvoltage Recovery(7)
150
ns
REFERENCE
Internal Reference Voltage
No Load
2.48
2.5
2.52
V
Internal Reference Source Current
1
µA
(Must use external buffer)
External Reference Voltage Range
2.3
2.5
2.7
V
for Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
1.0
V
VIH
VD –1.0
VD +0.3V
V
IIL
VIL = 0V
±10
µA
IIH
VIH = 5V
±10
µA
DIGITAL OUTPUTS
Data Coding
Binary Two’s Complement or Straight Binary
VOL
ISINK = 1.6mA
±0.4
V
VOH
ISOURCE = 500µA+4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com