Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF
Description  Low profile package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd MMF Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
MMF Series
200W Surface Mount
Transient Voltage Suppressors
Features
l
Peak power dissipation 200W @10 x 1000 us Pulse
l
Low profile package.
l
Excellent clamping capability.
l
Glass passivated junction.
l
Fast response time: typically less than 1ns from 0 Volts to BV min
l
Typical IR less than 1uA when VBR min above 15V.
l
IEC 61000-4-2 ESD 30KV(Air), 30KV(Contact)
l
ESD protection of data lines in accordance with IEC 61000-4-2
l
EFT protection of data lines in accordance with IEC 61000-4-4
l
Halogen free and RoHS compliant
l
Lead-free finish
Mechanical Characteristics
l
CASE: SOD-123FL Molded Plastic over glass passivated junction.
l
Mounting Position: Any
l
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
l
Terminal: Solder plated
Maximum Ratings and Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, 2, FIG.1)
PPPM
Min 200
W
Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3)
IPPM
See Table 1
A
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
Rev. 2.0, 24-Nov.-16
WWW.SEMITECH.CN
SOD-123FL
Bi-directional
Uni-directional
Cathode
Anode


Similar Part No. - MMF

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
MMF YAGEO-MMF Datasheet
1Mb / 8P
MELF METAL FILM RESISTORS
February 8, 2023 V.2
MMF-12 YAGEO-MMF-12 Datasheet
1Mb / 8P
MELF METAL FILM RESISTORS
February 8, 2023 V.2
MMF-12-R-0R YAGEO-MMF-12-R-0R Datasheet
1Mb / 8P
MELF METAL FILM RESISTORS
February 8, 2023 V.2
MMF-12-R-10K YAGEO-MMF-12-R-10K Datasheet
1Mb / 8P
MELF METAL FILM RESISTORS
February 8, 2023 V.2
MMF-12-R-1M YAGEO-MMF-12-R-1M Datasheet
1Mb / 8P
MELF METAL FILM RESISTORS
February 8, 2023 V.2
More results

Similar Description - MMF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
Low profile package
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
Low profile package
logo
Shanghai Semitech Semic...
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
Low profile package
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
Low profile package
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com