Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P4SMA
Description  Low profile package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P4SMA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  P4SMA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P4SMA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P4SMA Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @Tamb 25°C
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA6.8A
P4SMA6.8CA
5.80
6.45
7.14
10
10.5
39.0
1000
P4SMA7.5A
P4SMA7.5CA
6.40
7.13
7.88
10
11.3
36.3
500
P4SMA8.2A
P4SMA8.2CA
7.02
7.79
8.61
10
12.1
33.9
200
P4SMA9.1A
P4SMA9.1CA
7.78
8.65
9.55
1
13.4
30.6
50
P4SMA10A
P4SMA10CA
8.55
9.50
10.50
1
14.5
28.3
10
P4SMA11A
P4SMA11CA
9.40
10.50
11.60
1
15.6
26.3
5
P4SMA12A
P4SMA12CA
10.20
11.40
12.60
1
16.7
24.6
5
P4SMA13A
P4SMA13CA
11.10
12.40
13.70
1
18.2
22.5
1
P4SMA15A
P4SMA15CA
12.80
14.30
15.80
1
21.2
19.3
1
P4SMA16A
P4SMA16CA
13.60
15.20
16.80
1
22.5
18.2
1
P4SMA18A
P4SMA18CA
15.30
17.10
18.90
1
25.2
16.1
1
P4SMA20A
P4SMA20CA
17.10
19.00
21.00
1
27.7
14.8
1
P4SMA22A
P4SMA22CA
18.80
20.90
23.10
1
30.6
13.4
1
P4SMA24A
P4SMA24CA
20.50
22.80
25.20
1
33.2
12.3
1
P4SMA27A
P4SMA27CA
23.10
25.70
28.40
1
37.5
10.9
1
P4SMA30A
P4SMA30CA
25.60
28.50
31.50
1
41.4
9.9
1
P4SMA33A
P4SMA33CA
28.20
31.40
34.70
1
45.7
9.0
1
P4SMA36A
P4SMA36CA
30.80
34.20
37.80
1
49.9
8.2
1
P4SMA39A
P4SMA39CA
33.30
37.10
41.00
1
53.9
7.6
1
P4SMA43A
P4SMA43CA
36.80
40.90
45.20
1
59.3
6.9
1
P4SMA47A
P4SMA47CA
40.20
44.70
49.40
1
64.8
6.3
1
P4SMA51A
P4SMA51CA
43.60
48.50
53.60
1
70.1
5.8
1
P4SMA56A
P4SMA56CA
47.80
53.20
58.80
1
77.0
5.3
1
P4SMA62A
P4SMA62CA
53.00
58.90
65.10
1
85.0
4.8
1
P4SMA68A
P4SMA68CA
58.10
64.60
71.40
1
92.0
4.5
1
P4SMA75A
P4SMA75CA
64.10
71.30
78.80
1
103.0
4.0
1
P4SMA82A
P4SMA82CA
70.10
77.90
86.10
1
113.0
3.6
1
P4SMA91A
P4SMA91CA
77.80
86.50
95.50
1
125.0
3.3
1
P4SMA100A
P4SMA100CA
85.50
95.00
105.00
1
137.0
3.0
1
P4SMA110A
P4SMA110CA
94.00
105.00
116.00
1
152.0
2.7
1
P4SMA120A
P4SMA120CA
102.00
114.00
126.00
1
165.0
2.5
1
P4SMA130A
P4SMA130CA
111.00
124.00
137.00
1
179.0
2.3
1
P4SMA150A
P4SMA150CA
128.00
143.00
158.00
1
207.0
2.0
1
P4SMA160A
P4SMA160CA
136.00
152.00
168.00
1
219.0
1.9
1
P4SMA170A
P4SMA170CA
145.00
162.00
179.00
1
234.0
1.8
1
P4SMA180A
P4SMA180CA
154.00
171.00
189.00
1
246.0
1.7
1
※
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
※
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com