Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL71 Datasheet(PDF) 2 Page - Hirose Electric

Part # PL71
Description  Push-on Lock Coaxial Connectors for Digital Broadcasting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PL71 Datasheet(HTML) 2 Page - Hirose Electric

  PL71_17 Datasheet HTML 1Page - Hirose Electric PL71_17 Datasheet HTML 2Page - Hirose Electric PL71_17 Datasheet HTML 3Page - Hirose Electric PL71_17 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PL71 Series
●Push-on Lock Coaxial Connectors for Digital Broadcasting Applications
PL71
-
-
Specifications
Ratings
Nominal characteristic impedance
: 75ø
Frequency range : DC to 3 GHz
Operating temperature range :-30°C to +85°C
Operating humidity
: RH 95% max.
Item
Specification
Conditions
1. Contact resistance
6 mø max.
100 mA max.
2. Insulation resistance
1,000 Mø min.
500 V DC
3. Withstanding voltage
No flashover of insulation breakdown
500 V AC / 1 minute
4. V.S.W.R.
1.3max.
DC to 3 GHz
5. Center contact
0.5N min.
Measured with 0.49mm diameter pin gauge
6. Insertion and
withdrawal forces
9.8 N min.
Measured with the applicable mating pair
7. Durability(mating/
unmating with
corresponding plug)
Contact resistance 6 mø max.
500 mating cycles
8. Vibration
No electrical discontinuity of 1μs or longer
No damage, cracks, or parts dislocation
Frequency: 10 to 500 Hz, single amplitude of
0.75 mm, acceleration of 98m/s
2, 10 cycles in
each of the 3 axial directions
9. Shock resistance
No electrical discontinuity of 1μs or longer
No damage, cracks, or parts dislocation
Acceleration of 490m/s
2, for a duration of 11
ms, sine half-wave waveform, 3cycles in each
of the 3 axial directions
10. Moisture resistance
Insulation resistance: 100 Mø min. (high humidity)
Insulation resistance: 1,000 Mø min. (dry)
No damage, cracks, or parts dislocation
240 hours at +25ç to +65ç and humidity of
80% to 96%
11. Temperature cycle
No damage, crack, or part dislocation
Temperature:-55ç
➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time: 30 min.
➝ 5 min.max. ➝ 30 min.➝ 5 min.max.
5 cycles
12. Salt spray
No corrosion
5% salt water solution, 48 hours
Note: Some products may have different specifications from those shown above. Please confirm requirements before ordering.
Materials
Part
Materials
Finish
Remarks
Shell
Brass
Nickel plated
–––
Male center contact
Brass
Gold plated
–––
Female center contact Beryllium copper
Gold plated
–––
Insulator
PTFE
–––
Flame retardant
Ordering information
qw
e
q Series name
: PL71
w Connector type
P
: Straight plug
LP
: Right-angle plug
R
: Straight receptacle
LR
: Right-angle receptacle
e Applicable cable(plug) or board
1.5C
: 1.5C-QEV.CW
1.5CW
: 1.5C-QEW.CW
PC
: DIP mounting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com