Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTM21N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTM21N50
Description  MegaMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTM21N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTM21N50 Datasheet HTML 1Page - IXYS Corporation IXTM21N50 Datasheet HTML 2Page - IXYS Corporation IXTM21N50 Datasheet HTML 3Page - IXYS Corporation IXTM21N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
V
DS - Volts
110
100
0.1
1
10
100
Gate Charge - nCoulombs
0
25
50
75
100 125 150 175 200
0
1
2
3
4
5
6
7
8
9
10
V
SD - Volt
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
5
10
15
20
25
30
35
40
45
50
V
DS - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Time - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D=0.2
D=0.02
D=0.5
D=0.1
D=0.05
D=0.01
Single pulse
C
rss
C
oss
V
DS = 250V
I
D = 12.5A
I
G = 10mA
500
10µs
100µs
1ms
10ms
100ms
Limited by R
DS(on)
C
iss
T
J = 25°C
T
J = 125°C
f = 1 Mhz
V
DS = 25V
IXTH 21N50
IXTH 24N50
IXTM 21N50
IXTM 24N50
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.11 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com