Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF6 Datasheet(PDF) 3 Page - Hirose Electric

Part # MDF6
Description  3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF6 Datasheet(HTML) 3 Page - Hirose Electric

  MDF6 Datasheet HTML 1Page - Hirose Electric MDF6 Datasheet HTML 2Page - Hirose Electric MDF6 Datasheet HTML 3Page - Hirose Electric MDF6 Datasheet HTML 4Page - Hirose Electric MDF6 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B135
MDF6 Series
●3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
■Double Row Socket
■Socket Crimping contact
Conductor Size (Wire construction)
Jacket Diameter
AWG #16 (26cores/0.254mm)
AWG #18 (34cores/0.18 mm)
Ø2.5 to Ø2.0mm
AWG #20 (21cores/0.18 mm)
AWG #22 (17cores/0.16 mm)
Ø1.9 to Ø1.5mm
●Applicable Cable (Tin plating Annealed Copper Wire)
Applicable Cable
Part Number
CL No.
AWG Size
Jacket Diameter
Packaging Type
Quantity
RoHS
MDF6-1618SCF
547-0070-0
#16 to #18
2.5 to 2.0
Reel
5000
MDF6-1618SC
547-0071-3
Bag
100
Yes
MDF6-2022SCF
547-0072-6
#20 to #22
1.9 to 1.5
Reel
5000
MDF6-2022SC
547-0073-9
Bag
100
●Recommended Cable
●Strip Length
UL1061, UL1007
2.7 to 4.4mm
Note: If other cables are used instead of the applicable cable, please contact
Hirose sales department.
Part Number
CL No.
Number of Contacts
A
B
C
RoHS
MDF6- 4DS-3.5C
547-0074-1
4
10.5
8.1
3.5
MDF6- 6DS-3.5C
547-0075-4
6
14.0
11.6
7.0
MDF6- 8DS-3.5C
547-0076-7
8
17.5
15.1
10.5
MDF6-10DS-3.5C
547-0077-0
10
21.0
18.6
14.0
MDF6-12DS-3.5C
547-0078-2
12
24.5
22.1
17.5
YES
MDF6-14DS-3.5C
547-0079-5
14
28.0
25.6
21.0
MDF6-16DS-3.5C
547-0080-4
16
31.5
29.1
24.5
MDF6-18DS-3.5C
547-0081-7
18
35.0
32.6
28.0
MDF6-20DS-3.5C
547-0082-0
20
38.5
36.1
31.5
Unit: mm
Note: A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag.
Photo: Connected State
BApplicable Crimping Tool
Type
Part Number
CL No.
Applicable Contact
Main press unit
CM105
901-0005-4
-----------------
Applicator
AP105-MDF6-1618S
901-4512-4
MDF6-1618SCF
AP105-MDF6-2022S
901-4513-7
MDF6-2022SCF
Manual Crimping Tool
MDF6-TA1618HC
550-0203-5
MDF6-1618SC
MDF6-TA2022HC
550-0204-8
MDF6-2022SC
Extraction Tool
DF-C-PO(A)
550-0170-8
MDF6-****SC(F)
Note: If any trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any products.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com