Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JGC-4F/05D0M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JGC-4F/05D0M
Description  SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JGC-4F/05D0M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JGC-4F/05D0M Datasheet HTML 1Page - List of Unclassifed Manufacturers JGC-4F/05D0M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS CURVE
4-Ø1
2.54
2.54
(2.5)
JGC-4F/ D- M
24 max.
(2.5)
2
1
4-Ø1
2.54
2.54
6.5max.
24 max.
JGC-4F/ D- T
6.5max.
2
1
4(_)
(+)3
4(_)
(+)3
1.0
50
2
20
15
10
5
0
1
20
5
10
25
0.5
0
-20
-30
25
80
60
40
20
0
1.4
100
1.2
1.0
0.8
0.6
-20
-40
60
40
20
0
1.6
100
80
2.5
2.0
1.5
177
(Bottom view)
Pulse Width Tw (µS)
MAXIMUM LOAD CURRENT
VS.AMBIENT TEMPERATURE
PULSE INPUT CURRENT
VS. PULSE WIDTH
INPUT CURRENT
VS. AMBIENT TEMPERATURE
NORMALIZED TO:
TA=25•C
load
load
input
input
Normalized to:
tw•100µs
Tj=25•C F=50Hz
800
600
400
200
0
10
1000
100
1000
0
I
T
10000
MAXIMUM PERMISSIBLE NON-REPETITIVE
PEAK SURGE CURRENT VS. CONTINUANCE TIME
Energizing Continuance Time(ms)
tw
Ambient Temperature(
)
Ambient Temperature(
)
10.16 0.6
7.62 0.6
0.7 0.15
2.54 0.3
3.9 0.5
1.7 0.3
0.4 0.15
0.7 0.15
5.08 0.5
7.62 0.6
2.54 0.3
3.9 0.5
0.4 0.15
1.7 0.3
Input voltage
05 : 4 to 6VDC 12 : 9.6 to 14.4VDC 24 : 19.2 to 28.8VDC
JGC-4F /
12
1
Zero Cross Function
0: Zero cross turn-on 1: Randm turn-on
T
Termination T: Same as TOSHIBA TSZXX48S, M: Same as OMRON G3MB
D
Input Form
D: DC
ORDERING INFORMATION
Type
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
Wiring Diagram
PCB layout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com