Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPII-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RPII-2
Description  2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RPII-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RPII-2 Datasheet HTML 1Page - TE Connectivity Ltd RPII-2 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/2 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional),
form A/form B, 30 to 150Hz
11/1.5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Resistance to soldering heat THT, IEC 60068-2-20
flux-proof version
270°C / 10s
wash-tight version
260°C / 5s
Relay weight
18g
Packaging unit
tube/20 pcs., box/500 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
Dimensions
Dimensions in mm
Product code
Version
Contacts
Cont. material
Pinning
Part number
RP420006
Flux proof, 8A
2 form C (CO) contacts
AgCdO
6VDC
4-1393234-8
RP420012
12VDC
5-1393234-0
RP420024
24VDC
5-1393234-1
RP420048
48VDC
5-1393234-2
RP421012
AgNi0.15
12VDC
6-1393234-7
RP421024
24VDC
6-1393234-8
RP421110
110VDC
7-1393234-1
RP820012
Wash tight, 8A
AgCdO
12VDC
9-1393234-0
RP820024
24VDC
9-1393234-2
RP821012
AgNi0.15
12VDC
1393845-4
RP821024
24VDC
1393845-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request.
S0163-CO
S0163-BJ
S0273-AB
2 form C (CO) contacts
S0163-BK
2 form A (NO) contacts
Product code structure
Typical product code
RP
4
2
0
024
Type
RP Power PCB Relay RPII/2
Version
4
8A, flux proof
8
8A, wash tight
Contact arrangement
2
2 form C (2 CO)
4
2 form A (2 NO)
Contact material
1
AgNi0.15 gold flashed
0
AgCdO
Coil
Coil code: please refer to coil versions table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com