Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1-DC Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RT1-DC
Description  Power PCB Relay RT1 DC and AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT1-DC Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RT1-DC Datasheet HTML 1Page - TE Connectivity Ltd RT1-DC Datasheet HTML 2Page - TE Connectivity Ltd RT1-DC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Power PCB Relay RT1 DC and AC (for Asia/Pacific markets) (Continued)
Accessories
For details see datasheet
Accessories Industrial Power Relay RT
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
China RoHS compliance
no hazardous material over threshold
Resistance to heat and fire
WG version
according EN60335, par30
Ambient temperature
-40 to 85°C
Category of environmental protection
IEC 61810
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional),
form A/form B contact, 30 to 500Hz
20g/5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT, plug-in
Weight
14g
Resistance to soldering heat THT, IEC 60068-2-20
RTII
270°C/10s
RTIII
260°C/5s
Packaging/unit
tube/20 pcs., box/500 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
12A, pinning 3.5mm
1 form C (CO) contact
1 form A (NO) contact
12A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
16A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
*) With the recommended PCB hole sizes a grid
pattern from 2.5mm to 2.54mm can be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com