Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK Datasheet(PDF) 1 Page - PIC GmbH

Part # MK
Description  Reed Sensor with integrated resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

MK Datasheet(HTML) 1 Page - PIC GmbH

  MK Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SW T
IC H I N G T HE S M A R T WAY
MK
Contact rating max.
10
Switching current max.
0.5
Operating temperature
-40
MK
Carry current max.
Switching voltage max.
Breakdown voltage min.
Total resistance max. (initial)
Reed Sensor with
integrated resistor
Environmental Characteristics
Contact form
A
150
120
0.7
200
200
VDC
VAC
W / VA
A
A
VDC
m
Ω
125
to +
°C
Insulation resistance min.
9
Switching frequency max.
600
Resonant frequency typ.
12000
Operate time max. (incl. bounce)
0.3
Release time max.
0.1
Vibration (50-2000 Hz)
10
Shock (1/2 sin 11 ms)
50
10
Ω
Drop out min.
5
Pull in range available
Test coil
Magnetical Characteristics (of unmodified Reed Switch)
10 - 15
302
AT
AT
Test equipment tolerance
2
TC -
± AT
Hz
Hz
ms
ms
g
g
Remarks
When mounted onto ferromagnetic parts switching distance of MK may reduce.
Electromagnetical influences and magnetic fields may change the switching behaviour of the sensor.
@ 25 °C
Features
Approvals
Packing Unit
1280
Weight per piece
0.58
Weight per package
1350
Ordering Example
MK-0270 describes MK with
10-15 AT and 270 Ohms resistor
g
g
pcs
Dimensions in mm
Electrical Characteristics
@ 25 °C
Operating Characteristics (of unmodified Reed Switch)
@ 25 °C
Ordering Information
Resistance in Ohms
MK-xxxx (1.8 W, 10%)
Resistance value is arbitrary
Sensor with integrated resistor
Mechanically protected
Customized types available
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone
+49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
2.6
mk_ds_e_2.6
Page 1 of 1
Nibelungenstr. 5 A
90530 Wendelstein, Germany
info@pic-gmbh.com
www.pic-gmbh.com


Similar Description - MK

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MK-0270 PIC-MK-0270 Datasheet
47Kb / 1P
Reed Sensor with integrated resistor
logo
Meder Electronic
MK21M1A66B100W MEDER-MK21M1A66B100W Datasheet
130Kb / 1P
REED SENSOR
MK041A66B8000W MEDER-MK041A66B8000W Datasheet
126Kb / 1P
REED SENSOR
MK041A66C700W MEDER-MK041A66C700W Datasheet
207Kb / 1P
REED SENSOR
MK041A66D500W MEDER-MK041A66D500W Datasheet
207Kb / 1P
REED SENSOR
MK041B90C1000W MEDER-MK041B90C1000W Datasheet
206Kb / 1P
REED Sensor
MK091A66C MEDER-MK091A66C Datasheet
126Kb / 1P
REED Sensor
MK091B90C MEDER-MK091B90C Datasheet
152Kb / 1P
REED Sensor
MK0241A66B5000W MEDER-MK0241A66B5000W Datasheet
174Kb / 2P
REED Sensor
logo
PIC GmbH
MK-XXXX PIC-MK-XXXX Datasheet
166Kb / 1P
Reed Sensor with integrated resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com