Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDLP-L-R Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASEMDLP-L-R
Description  LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT ASEMDLP ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDLP-L-R Datasheet(HTML) 3 Page - Abracon Corporation

  ASEMDLP-L-R Datasheet HTML 1Page - Abracon Corporation ASEMDLP-L-R Datasheet HTML 2Page - Abracon Corporation ASEMDLP-L-R Datasheet HTML 3Page - Abracon Corporation ASEMDLP-L-R Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.05.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
3.2 x 2.5 x 0.85 mm
MECHANICAL DIMENSIONS
Dimensions: mm (inches)
Recommended Land Pattern
ULTRA MINIATURE PURE SILICONTMCLOCK OSCILLATOR
ASEMDLP
LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
ASEMDLP
Pin No.
Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables (tri-state) them when low
2
NC
NA
Leave unconnected or grounded
3
NC
NA
Leave unconnected or grounded
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Middle bit for frequency selection
7
FS2
I
Most significant bit for frequency selection
8
Output1+
O
Positive LVPECL Output 1
9
Output1-
O
Negative LVPECL Output 1
10
Output 2-
O
Negative LVPECL Output 2
11
Output 2+
O
Positive LVPECL Output 2
12
VDD2
Power
Power Supply 2 for LVPECL Output 2
13
VDD
Power
Power Supply
14
NC
NA
Leave unconnected or grounded
Pb RoHS/RoHS II compliant
Center Pad: NC/GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com