Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4120 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4120
Description  Precision Micropower Low Dropout Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4120 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4120 Datasheet HTML 1Page - National Semiconductor (TI) LM4120 Datasheet HTML 2Page - National Semiconductor (TI) LM4120 Datasheet HTML 3Page - National Semiconductor (TI) LM4120 Datasheet HTML 4Page - National Semiconductor (TI) LM4120 Datasheet HTML 5Page - National Semiconductor (TI) LM4120 Datasheet HTML 6Page - National Semiconductor (TI) LM4120 Datasheet HTML 7Page - National Semiconductor (TI) LM4120 Datasheet HTML 8Page - National Semiconductor (TI) LM4120 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics
LM4120-3.0V, 3.3V, 4.096V and 5.0V Unless otherwise specified V
IN = VOUT + 1V, ILOAD = 0, COUT =
0.01µF, T
A = Tj = 25˚C. Limits with standard typeface are for Tj = 25˚C, and limits in boldface type apply over the −40˚C ≤
TA
≤ +85˚C temperature range. (Continued)
Symbol
Parameter
Conditions
Min (Note 5)
Typ (Note 4)
Max (Note 5)
Units
V
H
Logic High Input Voltage
2.4
V
2.4
V
L
Logic Low Input Voltage
0.4
V
0.2
I
H
Logic High Input Current
7
15
µA
I
L
Logic Low Input Current
0.1
µA
I
SC
Short Circuit Current
V
OUT = 015
mA
630
V
IN = 12V, VOUT = 017
630
Hyst
Thermal Hysteresis
(Note 7)
−40˚C
≤ T
A ≤ 125˚C
0.5
mV/V
∆V
OUT
Long Term Stability
(Note 9)
1000 hrs. @ 25˚C
100
ppm
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Characteristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX (maximum junction
temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power dissipation at any temperature is: PDissMAX = (TJMAX
−TA)/θJ-A up to the value listed in the Absolute Maximum Ratings.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Averaging Outgoing Quality Level (AOQL).
Note 6: Dropout voltage is the differential voltage between VOUT and VIN at which VOUT changes ≤ 1% from VOUT at VIN = 3.3V for 1.8V, 2.0V, 2.5V and VOUT +
1V for others.For 1.8V option, dropout voltage is not guaranteed over temperature. A parasitic diode exists between input and output pins; it will conduct if VOUT is
pulled to a higher voltage than VIN.
Note 7: Thermal hysteresis is defined as the change in +25˚C output voltage before and after exposing the device to temperature extremes.
Note 8: Output noise voltage is proportional to VOUT.VN for other voltage option is calculated using (VN(1.8V)/1.8) * VOUT.VN (2.5V) = (36µVPP/1.8) * 2.5 = 46µVPP.
Note 9: Long term stability is change in VREF at 25˚C measured continuously during 1000 hrs.
LM4120 Typical Operating Characteristics Unless otherwise specified, V
IN = 3.3V, VOUT = 2.5V,
I
LOAD = 0, COUT = 0.022µF, TA = 25˚C and VEN = VIN.
Long Term Drift
DS101047-12
Typical Temperature Drift
DS101047-13
Short Circuit Current vs
Temperature
DS101047-14
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com