Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC Datasheet(PDF) 2 Page - TT Electronics.

Part # ASC
Description  Special construction resists sulphide growth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ASC Datasheet(HTML) 2 Page - TT Electronics.

  ASC Datasheet HTML 1Page - TT Electronics. ASC Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OrderingProcedure
Example:ASC1210at22ohmsand1%toleranceonareelof5000pieces-
Anti Sulphur Chip Resistors
ASC Series
Maximum
Loadatratedpower:1000hourscyclicload@70°CΔR%
2%+0.1Ω
Shorttermoverload:Lesserof6.25xratedpoweror2xLEVforsΔR%
1%+0.05Ω
HydrogenSulphide:1000hours3-5ppmH2S,50±2°C,92±1%RH,noloadΔR%
0.5%andnovisualdefects
Deratingfromratedpowerat70°C
Lineartozeroat155°C
Dryheat:1000hoursat155°CΔR%
1%+0.05Ω
Dampheat1000hours40°C90-95%RHΔR%
2%+0.1Ω
Temperaturerapidchange-55to155°C,5cyclesΔR%
0.5%+0.05Ω
Resistancetosolderheat:260±5°Cfor10sΔR%
0.5%+0.05Ω
Solderability:245±5°Cfor3s
≥95%coverage
Solderleaching:260±5°Cfor30s
Leachedarea≤10%total,≤5%individual
BoardFlex:oncefor5s,2010&2512:2mm,smallersizes:3mmΔR%
1%+0.05Ω
Insulationresistance@2xLEVfor60sohms
>10G
PerformanceData
Packaging
ASCresistorsaresuppliedtapedandreeledona7or10”reelasperIEC286-3.Thetapeis12mmwideembossedplastictapefor2010
and2512sizesand8mmwidepapertapeforthesmallersizes.
ASC
1210 - 22R
F
T5
Size
Value(useIEC62code)
Tolerance(useIEC62code)
Packing
T10
Tape
0402
10,000/reel(7”)
Standard
T5
0603,0805,1206,1210
5000/reel(10”)
T4
2010,2512
4000/reel(7”)
F
1%
Note:Forzeroohmjumper,substitutevalueandtolerancewiththecodeR000
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com