Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCN Datasheet(PDF) 2 Page - TT Electronics.

Part # BCN
Description  Chip Resistor Arrays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN Datasheet(HTML) 2 Page - TT Electronics.

  BCN Datasheet HTML 1Page - TT Electronics. BCN Datasheet HTML 2Page - TT Electronics. BCN Datasheet HTML 3Page - TT Electronics. BCN Datasheet HTML 4Page - TT Electronics. BCN Datasheet HTML 5Page - TT Electronics. BCN Datasheet HTML 6Page - TT Electronics. BCN Datasheet HTML 7Page - TT Electronics. BCN Datasheet HTML 8Page - TT Electronics. BCN Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thick Film Chip Arrays
BCN Series
Electrical
Environmental
Construction
Standard Resistance Range,
Ohms
BCN4D, BCN10, BCN16 4:
BCN 16 8R / 8S:
BCN 31 8R / 8S:
BCN 21:
10 to 1 Megohm
100 to 1 Megohm
22 to 1 Megohm
68 to 220K
Standard Resistance Tolerance
±5% (J Tol.)
Optional:±1%(FTol.),BCN4D,BCN164,BCN318RB/8SBOnly
±2% (G Tol.), BCN 16 4, BCN31 8RB / 8SB Only
OperatingVoltage,Maximum
BCN 4D:
BCN 16 4, BCN 31 8R / 8S:
BCN 10, BCN 16 8R / 8S, BCN 21:
75Vdcor√pr
50Vdcor√pr
25Vdcor√pr
PowerRating,wattsat70°C
BCN 4D:
BCN 10, BCN 164:
BCN 16 8R / 8S:
BCN 21, BCN 31 8R / 8S:
125mW per Resistor / 500mW per Package
63mW per Resistor / 250mW per Package
32mW per Resistor / 250mW per Package
63mW per Resistor / 500mW per Package
OperatingTemperatureRange
-55°Cto+155°C
TemperatureCoefficientofResistance
±200ppm/°C
Moisture Resistance
1,000hours@+40°C,95%R.H.(3.0%+0.1ΩΔR)
HighTemperatureOperation
1,000hours@155°C(3.0%+0.1ΩΔR)
Short Time Overload
2.5Xratedvoltage,5seconds(2.0%+0.1ΩΔR)
Temperature Cycling
-55°Cto+155°C,5cycles(1.0%+0.1ΩΔR)
Resistance to Solder Heat
260°Cfor10seconds(1.0%+0.1ΩΔR)
Load Life
1,000hours@70°C(3.0%+0.1ΩΔR)
Conductor
Nickel Barrier
Resistor: Ruthenium Oxide
Alumina Substrate
100% Tin
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Passivation:
Glass or Resin
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com