Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4121 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4121
Description  Precision Micropower Low Dropout Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4121 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4121 Datasheet HTML 8Page - National Semiconductor (TI) LM4121 Datasheet HTML 9Page - National Semiconductor (TI) LM4121 Datasheet HTML 10Page - National Semiconductor (TI) LM4121 Datasheet HTML 11Page - National Semiconductor (TI) LM4121 Datasheet HTML 12Page - National Semiconductor (TI) LM4121 Datasheet HTML 13Page - National Semiconductor (TI) LM4121 Datasheet HTML 14Page - National Semiconductor (TI) LM4121 Datasheet HTML 15Page - National Semiconductor (TI) LM4121 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Pin Functions
Output (Pin 5): Reference Output.
Input (Pin 4):Positive Supply.
Ground (Pin 2):Negative Supply or Ground Connection.
Enable (Pin 3):Pulled to input for normal operation. Forcing
this pin to ground will turn-off the output.
REF (Pin 1):REF Pin (1.25V option only). This pin should be
left unconnected for 1.25V option.
Adj (Pin 1):V
OUT Adj Pin (Adjustable option only). See Appli-
cation Hints section.
Application Hints
The standard application circuit for the LM4121 is shown in
Figure 1. The output voltage is set with the two feedback re-
sistors, according to the following formula:
V
OUT =[Vref(1+ R1/R2] − Ibias• R1
Values for R1 and R2 should be chosen to be less than 1
M
Ω.I
bias typically flows out of the adjust pin. Values for Vref
and I
bias are found in the Electrical Characteristics Spec.
table. For best accuracy, be sure to take into account the
variation of V
REF with input voltage, load and output voltage.
The LM4121 is designed to be stable with ceramic output ca-
pacitors in the range of 0.022µF to 0.047µF. Note that
0.022µF is the minimum required output capacitor. These ca-
pacitors typically have an ESR of about 0.1 to 0.5
Ω. Smaller
ESR can be tolerated, however larger ESR can not. The out-
put capacitor can be increased to improve load transient re-
sponse, up to about 1µF. However, values above 0.047µF
must be tantalum. With tantalum capacitors, in the 1µF
range, a small capacitor between the output and the refer-
ence (Adj) pin is required. This capacitor will typically be in
the 50pF range. Care must be taken when using output ca-
pacitors of 1µF or larger. These application must be thor-
oughly tested over temperature, line and load. Also, when
the LM4121 is used as a controller, with external active com-
ponents, each application must be carefully tested to ensure
a stable design. The adjust pin is sensitive to noise and ca-
pacitive loading. The trace to this pin must be as short as
possible and the feedback resistiors should be close to this
pin. Also, a single point ground to the LM4121 will help en-
sure good accuracy at high load currents.
An input capacitor is typically not required. However, a 0.1µF
ceramic can be used to help prevent line transients from en-
tering the LM4121. Larger input capacitors should be tanta-
lum or aluminium.
The enable pin is an analog input with very little hysteresis.
About 6µA into this pin is required to turn the part on, and it
must be taken close to GND to turn the part off (see spec.
table for thresholds). There is a
minimum slew rate on this
pin of about 0.003V/µS to prevent glitches on the output. All
of these conditions can easily be met with ordinary CMOS or
TTL logic. If the shutdown feature is not required, then this
pin can safely be connected directly to the input supply.
Floating this pin is not recommended.
Printed Circuit Board Layout Consideration
The mechanical stress due to PC board mounting can cause
the output voltage to shift from its initial value. References in
SOT packages are generally less prone to assembly stress
than devices in Small Outline (SOIC) package.
To reduce the stress-related output voltage shifts, mount the
reference on the low flex areas of the PC board such as near
to the edge or the corner of the PC board.
DS101291-32
DS101291-43
FIGURE 1. Standard Application Circuit
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com