Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2633MTD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633MTD
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633MTD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2633MTD Datasheet HTML 9Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 10Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 11Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 12Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 13Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 14Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 15Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 16Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Electrical Characteristics (Continued)
V
CC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
=T
J = +25˚C. Limits appearing in boldface type apply over −40˚C to +125˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
V
ovp2
V
OUT Overvoltage
Shutdown Latch
Threshold for Channel 2
(Measured at the FB2)
108
112
116
%V
OUT
V
lreg_thr
V
OUT Low Regulation
Comparator Enable
Threshold for Channels
1 and 2
91.5
%V
OUT
V
lreg_hys
Hysteresis of Low
Regulation Comparator
7%V
OUT
V
pwrbad
Regulator Window
Detector Thresholds
(PGOOD from High to
Low)
84
88
%V
OUT
(Note 22)
109
112
120
V
pwrgd
Regulator Window
Detector Thresholds
(PGOOD from Low to
High)
89
93
98
%V
OUT
Gate Drive (For Channel 1 Switching Regulator Controller)
I
boot1
CBOOT Leakage
Current
V
CBOOT1 =7V
100
nA
HDRV1 Source Current
V
HDRV1 =VSW1 =0V, VCBOOT1 = 5V
1.2
A
HDRV1 Sink Current
V
HDRV1 = 5V
1.0
A
LDRV1 Source Current
V
LDRV1 = 0V
1.2
A
LDRV1 Sink Current
V
LDRV1 = 5V
2.0
A
HDRV1 High-Side FET
On-Resistance
1.84
Ω
LDRV1 High-Side FET
On-Resistance
tbd
Ω
LDRV1 Low-Side FET
On-Resistance
0.5
Ω
Gate Drive (For Channel 2 Switching Regulator Controller)
I
boot2
CBOOT Leakage
Current
V
CBOOT2 =7V
100
nA
HDRV2 Source Current
V
HDRV2 =VSW2 =0V, VCBOOT2 = 5V
tbd
A
HDRV2 Sink Current
V
HDRV2 = 5V
tbd
A
LDRV2 Source Current
V
LDRV2 = 0V
tbd
A
LDRV2 Sink Current
V
LDRV2 = 5V
tbd
A
HDRV2 FET
On-Resistance
tbd
Ω
LDRV2 FET
On-Resistance
tbd
Ω
Oscillator
F
osc
Oscillator Frequency
225
250
275
kHz
T
off_min
Minimum Off-Time
400
ns
T
on_min
Minimum On-Time
220
ns
Error Amplifier
I
fb1
Feedback Input Bias
Current, Channel 1
V
FB1 = 2.4V
55
µA
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com