Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MDR
Description  AC and DC coils, latching and non-latching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MDR Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MDR Datasheet HTML 1Page - TE Connectivity Ltd MDR Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12–3
MDR Series, 10 Amp Rotary Relay
For Demanding Shock & Vibration Applications (Continued)
Specialty Relays
12
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Ordering Information and Coil Characteristics — No models in this series are maintained in stock.
Part
Coil Voltage
Coil Power*
Breakdown
Type
Number
Contacts
(60 Hz.
(Watts)
(Volts RMS)
for AC)
MDR-131-1
4PDT
115 VAC
6.5
1,230
MDR-131-2
4PDT
440 VAC
5.1
1,880
MDR-135-1
4PDT
28 VDC
10.0
1,308
MDR-137-8
4PDT
125 VDC
10.3
2,375
Small
MDR-134-1
8PDT
115 VAC
6.5
1,230
Non-Latching
MDR-134-2
8PDT
440 VAC
5.1
1,880
MDR-136-1
8PDT
28 VDC
10.0
1,308
MDR-138-8
8PDT
125 VDC
10.3
2,375
MDR-163-1
12PDT
115 VAC
6.9
1,230
MDR-163-2
12PDT
440 VAC
6.3
1,880
MDR-170-1
16PDT
115 VAC
17.0
1,230
MDR-170-2
16PDT
440 VAC
17.0
1,880
Medium
MDR-172-1
16PDT
28 VDC
18.7
1,308
Non-Latching
MDR-173-1
16PDT
125 VDC
16.0
2,375
MDR-141-1
24PDT
115 VAC
17.0
1,230
MDR-141-2
24PDT
440 VAC
17.0
1,880
MDR-167-1
24PDT
28 VDC
18.7
1,308
MDR-142-1
24PDT
125 VDC
16.0
2,375
MDR-67-2
4PDT
115 VAC
5.5
1,230
MDR-4091
4PDT
440 VAC
3.0
1,880
MDR-67-3
4PDT
28 VDC
21.8
1,308
Small
MDR-5060
4PDT
125 VDC
20.6
2,375
Latching
MDR-4076
8PDT
115 VAC
5.5
1,230
MDR-4092
8PDT
440 VAC
3.0
1,880
MDR-5035
8PDT
28 VDC
21.8
1,308
MDR-5061
8PDT
125 VDC
20.6
2,375
MDR-6064
12PDT
115 VAC
12.0
1,230
MDR-6065
12PDT
440 VAC
5.7
1,880
MDR-7020
12PDT
28 VDC
8.8
1,308
Medium
MDR-7035
12PDT
125 VDC
10.4
2,375
Latching
MDR-66-4
16PDT
115 VAC
12.0
1,230
MDR-6066
16PDT
440 VAC
5.7
1,880
MDR-7025
16PDT
28 VDC
8.8
1,308
MDR-7036
16PDT
125 VDC
10.4
2,375
*Actual Wattmeter readings.
Outline Dimensions
Tolerances: Decimals ± .010 [±.25] Unless Otherwise Specified.
Overall Height
12PDT 4.63 [117.6] Max.
16PDT 5.00 [127.0] Max.
24PDT 5.75 [146.1] Max.
Coil and Contact Terminal Screws #5-40 Supplied.
A
B
C
1
2
3
Coil
Dia.
12
2.125
[53.98]
.196 .005
[4.98 .13]
4 Plcs.
2.625
[66.68]
(2X)
A
B
M
Coil
12
1
2
3
4
5
6
3.250
[82.55]
.281 .005
[7.14 .13]
4 Plcs.
Dia.
4.190
[106.43]
2X
Overall Height
4PDT 3.13 [79.5] Max.
8PDT 3.53 [89.7] Max.
12PDT 3.88 [98.6] Max.
Coil and Contact Terminal Screws
#5-40 Supplied.
Medium Models
Small Models
Note: All values are for reference,
specific values may be different and
subject to environmental factors
such as temperature, humidity,
pressure or variations in voltage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com