Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4902 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4902
Description  265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4902 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4902 Datasheet HTML 8Page - National Semiconductor (TI) LM4902 Datasheet HTML 9Page - National Semiconductor (TI) LM4902 Datasheet HTML 10Page - National Semiconductor (TI) LM4902 Datasheet HTML 11Page - National Semiconductor (TI) LM4902 Datasheet HTML 12Page - National Semiconductor (TI) LM4902 Datasheet HTML 13Page - National Semiconductor (TI) LM4902 Datasheet HTML 14Page - National Semiconductor (TI) LM4902 Datasheet HTML 15Page - National Semiconductor (TI) LM4902 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Typical Performance Characteristics (Continued)
Power Derating Curve
Supply Current vs
Supply Voltage
20029873
20029870
Open Loop Frequency Response
LM4902LD Power Derating Curve (Note 12)
20029872
20029876
Note 12: This curve shows the LM4902LD’s thermal dissipation ability at different ambient temperatures given the exposed-DAP of the part is soldered to a plane
of 1oz. Cu with an area given in the label of each curve.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com