Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRA Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSRA
Description  2A Miniature, SIP Solid State Relay With Paired SCR Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRA Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSRA Datasheet HTML 1Page - TE Connectivity Ltd SSRA Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SSRA Series Solid State Relays
Dimensionsareininchesover
(millimeters)unlessotherwise
specified.
Dimensionsareshownforreference
purposes only. Specifications and
availability subject to change.
SouthAmerica:55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Outline Dimensions
Electrical Characteristics (Thermal Derating Curve)
Output Specifications (@ 25° C, unless otherwise specified)
2.0
1.5
1.0
.5
20
0406080
Ambient Temperature (ºC)
Max. Load Current vs. Temp.
0
Disclaimer
While TE has made every reasonable effort to ensure the accuracy of the
information in this document, TE does not guarantee that it is error-free,
nor does TE make any other representation, warranty or guarantee that the
information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information
contained herein at any time without notice. TE EXPRESSLY DISCLAIMS
ALL IMPLIED WARRANTIES REGARDING THE INFORMATION
CONTAINED HEREIN, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED
WARRANTIES OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE.
The dimensions in this catalog are for reference purposes only and
are subject to change without notice. Specifications are subject to
change without notice. Consult TE for the latest dimensions and design
specifications.
Catalog 8-1773454-1
Revised 06-15
www.te.com
©2015 by Tyco Electronics Corporation, a TE Connectivity Ltd. company. All Rights Reserved.
TE Connectivity, TE Connectivity (logo) and Tyco Electronics (logo) are trademarks.
Parameter
Conditions
Units
Load Voltage Range VL
f = 47 - 63 Hz.
V rms
12 - 280
Repetitive Blocking Voltage (Min.)
V peak
±600
Load Current Range IL*
A rms
.06 - 2.0
Single Cycle Surge Current (Min.)
A peak
120
Leakage Current (Off-State) (Max.)
f = 60 Hz. VL = 280Vrms
mA rms
0.1
On-State Voltage Drop (Max.)
IL = Max.
V peak
1.5
Static dv/dt (Off-State) (Min.)
VL = Max.
V/µs
500
Turn-On Time (Max.)
f = 60 Hz.
ms
8.3 for Zero Voltage Turn-On Models
0.1 for Random Voltage Turn-On Models
Turn-Off Time (Max.)
f = 60 Hz.
ms
8.3
Load Power Factor Rating (Min.)
IL = Max.
0.5
*see Thermal Derating Curves



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com