Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15SRB2-R Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 15SRB2-R
Description  Minimum Depth, Cost-effective Shielded Power Inlet Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

15SRB2-R Datasheet(HTML) 1 Page - TE Connectivity Ltd

  15SRB2-R Datasheet HTML 1Page - TE Connectivity Ltd 15SRB2-R Datasheet HTML 2Page - TE Connectivity Ltd 15SRB2-R Datasheet HTML 3Page - TE Connectivity Ltd 15SRB2-R Datasheet HTML 4Page - TE Connectivity Ltd 15SRB2-R Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRB Series
SRB Series
Minimum Depth, Cost-effective Shielded Power Inlet Filter
3
203
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
VDE Approved*
• Smallest depth Corcom RFI filter available
• Complete shield
• Wide range of capacitor values
• Attenuates coupled EMI up to 300MHz
• Minimal to low leakage current versions are
suitable for patient and non-patient contact
medical equipment.
• Full range of mounting and termination options
including unique vertical and horizontal
orientation slide in mounts eliminate the need for
mounting hardware
Ordering Information
15 SRB S 1 - Q
Capacitor ID
See Chart
Omit if none
Output Styles
1 – Spade terminals (back)
2 – Spade terminals (bottom)
8 – Wire leads
P – PC board pins
Mounting Style
S – Snap-in
X – Slide-in (short edge / horizontal)
Y – Slide-in (long edge / vertical)
Omit for flange mount
SRB Series
Current Rating
15A
SRBS8
Maximum leakage current each Line to Ground:
@120 VAC
@250 VAC
Capacitor ID / Value
60 Hz
50 Hz
Blank / None
2
A
5
A
Q / 33 pF
2.1
A
3.65
A
R / 100 pF
9.6
A
16.6
A
S / 220 pF
19.2
A
33.2
A
T / 330 pF
24.0
A
41.5
A
W / 470 pF
0.04 mA
0.07 mA
X / 1000 pF
0.07 mA
0.13 mA
Y / 2200 pF
0.16 mA
0.28 mA
Z / 3300 pF
0.24 mA
0.42 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max.):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
15A*
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
Specifications
SRB1
SRBP
SRB2
Capacitor Options
Capacitor ID
Capacitor Value
Q
33 pF
R
100 pF
S
220 pF
T
330 pF
W
470 pF
X
1000 pF
Y*
2200 pF
Z*
3300 pF
*Not available in SRB8, SRBX or SRBY styles
*15A versions are tested by Underwriters Laboratories
to US and Canadian requirements and are
VDE approved at 10A, 250VAC


Similar Part No. - 15SRB2-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15SRBX8 MACOM-15SRBX8 Datasheet
663Kb / 4P
CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-Q MACOM-15SRBX8-Q Datasheet
663Kb / 4P
CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-R MACOM-15SRBX8-R Datasheet
663Kb / 4P
CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-S MACOM-15SRBX8-S Datasheet
663Kb / 4P
CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
15SRBX8-T MACOM-15SRBX8-T Datasheet
663Kb / 4P
CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
More results

Similar Description - 15SRB2-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
logo
Tyco Electronics
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
EEA TEC-EEA Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
Cost effective
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
DG81C AEC-DG81C Datasheet
336Kb / 2P
Cost effective
logo
ON Semiconductor
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com