Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4913MH Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4913MH
Description  2W Monaural, 90mW Stereo Headphone Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4913MH Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4913MH Datasheet HTML 1Page - National Semiconductor (TI) LM4913MH Datasheet HTML 2Page - National Semiconductor (TI) LM4913MH Datasheet HTML 3Page - National Semiconductor (TI) LM4913MH Datasheet HTML 4Page - National Semiconductor (TI) LM4913MH Datasheet HTML 5Page - National Semiconductor (TI) LM4913MH Datasheet HTML 6Page - National Semiconductor (TI) LM4913MH Datasheet HTML 7Page - National Semiconductor (TI) LM4913MH Datasheet HTML 8Page - National Semiconductor (TI) LM4913MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Notes 3,
4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 5)
Internally Limited
ESD Susceptibility (Note 6)
2000V
ESD Susceptibility (Note 7)
200V
Junction Temperature
150˚C
Solder Information
Small Outline Package
Vapor Phase (60sec)
215˚C
Infrared (15sec)
220˚C
Thermal Resistance
θ
JA (MXF10A)
46˚C/W (Note 8)
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.5V
≤ V
DD
≤ 5.5V
Electrical Characteristics for Entire Amplifier (V
DD = 5V)
(Notes 4, 9)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4913
Units
(Limits)
Typical
Limit
(Note 9)
(Notes 10,
11)
V
DD
Supply Voltage
2.5
5.5
V (min)
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, No Load
4
8
mA (max)
I
SD
Shutdown Quiescent Power Supply
Current
V
SHUTDOWN = GND
1
6
µA (max)
R
IN
Input Resistance
50
k
Ω
V
OS
Output Offset Voltage
5
30
mV (max)
PSRR
Power Supply Rejection Ratio
V
DD = 3V, CBYPASS = 0.47µF,
V
ripple = 200mVp-p 1kHz sine wave
BTL, R
L =4
Ω
BTL, SE, R
L =32
Ω
58
60
dB
dB
HP-S
VIH
HP-SENSE Logic-High Threshold
Voltage
4.5
V (min)
HP-S
VIL
HP-SENSE Logic-Low Threshold
Voltage
2.75
V (max)
SD
VIH
Shutdown Logic High Threshold
2.0
V (min)
SD
VIL
Shutdown Logic LowThreshold
0.8
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com