Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15SRBY8-R Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 15SRBY8-R
Description  Minimum Depth, Cost-effective Shielded Power Inlet Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

15SRBY8-R Datasheet(HTML) 5 Page - TE Connectivity Ltd

  15SRBY8-R Datasheet HTML 1Page - TE Connectivity Ltd 15SRBY8-R Datasheet HTML 2Page - TE Connectivity Ltd 15SRBY8-R Datasheet HTML 3Page - TE Connectivity Ltd 15SRBY8-R Datasheet HTML 4Page - TE Connectivity Ltd 15SRBY8-R Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SRB Series
Minimum Depth, Cost-effective Shielded Power Inlet Filter (continued)
3
207
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
QR
S
T
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  































Performance Data
Typical Insertion Loss
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
WX
Y
Z
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0
1
10
100
300
Frequency in MHz
db
40
35
30
25
20
15
10
5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com