Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA06G-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PZTA06G-AA3-R
Description  AMPLIFIER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA06G-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PZTA06G-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA06G-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA06G-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PZTA06
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-031.A
ABSOLUTE MAXIMUM RATINGS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
80
V
Collector Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
500
mA
Total Device Dissipation (Note 2)
1000
mW
Derate Above 25°C
PD
8
mW/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Device is mounted on FR-4 PCB 36×18×1.5 mm, mounting pad for the collector lead minimum 6 cm
2.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
125
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Collector Emitter Breakdown Voltage (Note 1)
BVCEO
IC=1.0mA, IB=0
80
V
Emitter Base Breakdown Voltage
BVEBO
IE=100μA, IC=0
4
V
Collector Cutoff Current
ICES
VCE=60V, IB=0
0.1
μA
Collector Cutoff Current
ICBO
VCB=80V, IE=0
0.1
μA
ON CHARACTERISTICS
VCE=1V , IC=10mA,
100
DC Current Gain
hFE
VCE=1V , IC=100mA,
100
Collector Emitter Saturation Voltage
VCE(SAT) IC=100mA, IB=10mA
0.25
V
Base Emitter on Voltage
VBE(ON)
VCE=1V , IC=100mA,
1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product (Note2)
fT
VCE=2V, IC=10mA, f=100MHz 100
MHz
Notes: 1. Pulse test: PW ≤ 300μs, Duty Cycle ≤ 2%
2. fT is defined as the frequency at which IhfeI extrapolates to unity.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com