Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S40G-CC2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RB520S40G-CC2-R
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RB520S40G-CC2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RB520S40G-CC2-R Datasheet HTML 1Page - Unisonic Technologies RB520S40G-CC2-R Datasheet HTML 2Page - Unisonic Technologies RB520S40G-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RB520S40
Preliminary
SCHOTTKY DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-061.a
ABSOLUTE MAXIMUM RATINGS (Single Diode @ TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
DC Blocking Voltage
VR
40
V
Forward Continuous Current
IFM
250
mA
Non-repetitive Peak Forward Surge Current (Note 3)
IFSM
1.0
A
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
IF=20mA
0.37
V
Forward Voltage Drop
VF
IF=200mA
0.60
V
VR=10V
1.00
μA
Reverse Leakage Current
IR
VR=30V
5.00
μA
Total Capacitance
CT
VR=0V, f=1.0MHz
50
pF
Reverse Recovery Time
tRR
IF=IR=200mA, IRR=0.1×IR,
RL=100Ω
10
ns
Note: Pulse width ≤ 300μs, duty cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com