Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3150L-SMB-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB3150L-SMB-R
Description  High current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB3150L-SMB-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB3150L-SMB-R Datasheet HTML 1Page - Unisonic Technologies SB3150L-SMB-R Datasheet HTML 2Page - Unisonic Technologies SB3150L-SMB-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB3150
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-063.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
150
V
Working Peak Reverse Voltage
VRWM
150
V
DC Blocking Voltage
VR
150
V
Average Rectified Output Current
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
110
A
Junction Temperature Range
TJ
-65 ~ +150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Typical Thermal Resistance
θJL
20
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
150
V
Instantaneous Forward Voltage Drop
VFM
IF=3.0A, TJ=25°C
0.89
V
Rated DC Voltage, TJ=25°C
1.0
mA
Peak Reverse Current at Rated DC
Blocking Voltage
IRM
Rated DC Voltage, TJ=125°C
7.0
mA
Junction Capacitance (Note 2)
CJ
250
pF
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com