Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC Datasheet(PDF) 1 Page - TT Electronics.

Part # BPC
Description  Non-Inductive planar package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPC Datasheet(HTML) 1 Page - TT Electronics.

  BPC Datasheet HTML 1Page - TT Electronics. BPC Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 10W Planar High
Power Resistors
BPC Series
Non-Inductiveplanarpackage
Highpowerdensity.
ThinpackageforhighdensityPCBinstallation.
Powerdissipatedabovetheboard.
RoHScompliant.
Applications
Powersupplypre-loadresistors.
UPSsystems
Snubberandpulsehandlingcircuits.
Pulsegeneratorloadresistors.
In-rushcurrentprotection
BleederResistors
Model
BPC3
BPC5
BPC7
BPC10
Leads:
TinPlatedCopperAlloy
Substrate:96%Alumina
Resistor:ThickFilm
Dim A
0.40
10.16
0.50
12.70
0.75
19.05
1.00
25.40
DimB
0.20
5.08
0.20
5.08
0.50
12.70
0.80
20.32
Specification(Dimensions)
Materials
Items
Specification
Conditions
PowerRating
3W,5W,7.5W&10W
@ambienttemp<70°C
OperatingVoltageMax
300Vac,500VDC
ResistanceRange
0.1Ωto200KΩ
Extendedresistancerangeavailable.
TCR
100ppm/°C
For-55to+155°Candabove1Ω.
Tolerance
10,optional+/-5%,1%,2%
OperatingTemp.Range
-55-+155°C
DielectricWithstandVoltage
5000Voltsminimum
MechanicalShock
ΔR+/-0.25%
100G.
Vibration
ΔR+/-0.25%
20G,10to2KHz
LoadLife
ΔR+/-2.0%
70°C,90min.ON,30min.OFF,1000hours.
Humidity
ΔR+/-0.5%
85°C,85%RH,DC0.1W,1000hours.
TemperatureCycle
ΔR+/-0.5%
-55°C,30min.,+155°C30min.,5cycles.
SolderHeat(Max)
ΔR+/-0.25%
260+/-5°C,10seconds,
Solderability
Min95%coverage
230+/-5°C,5seconds.
InsulationResistance
Over1000MΩ
Notes:
1.Contactfactoryforcustomproducts,non-standardvaluesandtolerances.
Dim. A
±.015
±.381
.100
2.54
Maximum
Overall
Thickness
.010±.002
.254±.050
.026
.660
.050
1.27
.026
.670
.020±.002
.508±.050
±.010
±.254
Dim.B
.075
1.905
.125+.0.25/-.000
3.175+.635/-.000
1.000±.015
25.4±.381
1.090
27.686
Max.
Make Possible
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - BPC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
logo
TT Electronics.
BPC TTELEC-BPC Datasheet
285Kb / 2P
3W to 10W Planar High Power Resistors
06.18
logo
Coherent Corp
BPC-1030-35-2-01 COHERENT-BPC-1030-35-2-01 Datasheet
438Kb / 2P
DUAL-STAGE BBO POCKELS CELL
logo
BOSER Technology Co., L...
BPC-3610 BOSER-BPC-3610 Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
BPC-3610-C BOSER-BPC-3610-C Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
More results

Similar Description - BPC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
RC12JT5M60 ETC1-RC12JT5M60 Datasheet
164Kb / 4P
Non-inductive design, Molded body for package uniformity
logo
MERITEK ELECTRONICS COR...
TMPE-FMPE MERITEK-TMPE-FMPE Datasheet
167Kb / 1P
Non-inductive construction
logo
Ohmite Mfg. Co.
ARC3 OHMITE-ARC3 Datasheet
165Kb / 2P
Non Inductive, Thick Film
logo
Vincotech
30-FT123BA040MR-L878L08 VINCOTECH-30-FT123BA040MR-L878L08 Datasheet
301Kb / 7P
Low inductive package
logo
Ohmite Mfg. Co.
ACL-ARC3 OHMITE-ACL-ARC3 Datasheet
165Kb / 2P
Non Inductive, Thick Film
logo
TT Electronics.
HVD TTELEC-HVD Datasheet
364Kb / 2P
Non-inductive design
LOB TTELEC-LOB Datasheet
531Kb / 3P
Inherently non-inductive
RHVD TTELEC-RHVD Datasheet
369Kb / 2P
Non-inductive design
T-NT TTELEC-T-NT Datasheet
335Kb / 4P
Non-inductive windings available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com