Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1690G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1690G-S08-R
Description  Fixed 150KHz Switching Frequency
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1690G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1690G-S08-R Datasheet HTML 1Page - Unisonic Technologies P1690G-S08-R Datasheet HTML 2Page - Unisonic Technologies P1690G-S08-R Datasheet HTML 3Page - Unisonic Technologies P1690G-S08-R Datasheet HTML 4Page - Unisonic Technologies P1690G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1690
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-081.c
0.4A, 150KHZ 65V BUCK DC
TO DC CONVERTER
DESCRIPTION
The UTC P1690 is a PWM buck (step-down) DC/DC
converter, fixed frequency of 150KHz, capable of driving a 0.4A
load with high efficiency, low ripple and excellent line and load
regulation.
The P1690 built kinds of protect circuit inside. Such as OTP
SCP and so on.
FEATURES
* Wide 5V~ 65V Operation Voltage
* Output Adjustable from 1.25V~25V
* High efficiency up to 85%
* Maximum Duty Cycle 100%
* Fixed 150KHz Switching Frequency
* Built in OTP
* Built in SCP
* Built in OCP
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
P1690G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - P1690G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1690G-S08-R UTC-P1690G-S08-R Datasheet
136Kb / 5P
0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
More results

Similar Description - P1690G-S08-R

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT5A-1233SI VOLGEN-MT5A-1233SI Datasheet
211Kb / 2P
FIXED SWITCHING FREQUENCY
logo
Lowpower Semiconductor ...
LP6217 POWER-LP6217 Datasheet
344Kb / 6P
1MHz fixed frequency switching
logo
Artesyn Technologies
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
Fixed switching frequency
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
Fixed switching frequency
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
Fixed Switching Frequency
logo
Maxim Integrated Produc...
MAX17559EVKIT MAXIM-MAX17559EVKIT Datasheet
3Mb / 16P
150kHz Switching Frequency
Rev 0; 6/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com