Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2680G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P2680G-SH2-R
Description  Output Adjustable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2680G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  P2680G-SH2-R Datasheet HTML 1Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 2Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 3Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 4Page - Unisonic Technologies P2680G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2680
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-A32.b
MARKING INFORMATION
PACKAGE
MARKING
HSOP-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
BST
VIN
SW
GND
FB
COMP
EN
SS
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BST
Bootstrap pin. Positive supply for the upper MOSFET driver.
2
VIN
Power supply pin.
3
SW
Power switch output pin.
4
GND
Ground pin.
5
FB
The output voltage feedback pin. It is also the inverting input of the error amplifier.
6
COMP
Compensation pin. It is also the output of the internal error amplifier.
7
EN
Enable Input. A high input at EN turns on the converter, and a low input turns it off.
8
SS
Soft-Start pin. Connect a capacitor from SS to GND to set the soft-start period. To
disable the soft-start feature, leave SS unconnected.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com