Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCN Datasheet(PDF) 2 Page - TT Electronics.

Part # CCN
Description  Ideal for all reflow soldering techniques
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCN Datasheet(HTML) 2 Page - TT Electronics.

  CCN Datasheet HTML 1Page - TT Electronics. CCN Datasheet HTML 2Page - TT Electronics. CCN Datasheet HTML 3Page - TT Electronics. CCN Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TaNFilm® Chip Carrier
Resistor Network
CCN Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CCN Series Issue October 2009 Sheet
TaNFilm® Chip Carrier
Resistor Network
Physical Data
0.015x45°
0.050Typ
0.018Typ
0.025± .003
0.085
0.050Typ
0.035x 45°
3 places
0.0200Typ
0.290± .010
0.025± .003
0.350± .008
0.075± .010
0.026± .003
TOP VIEW
SIDE VIEW
79xx SERIES
SIDE VIEW
78xx SERIES
BOTTOM VIEW
Circuit
Resistance
Range
Available
Absolute Tolerances
Available
Ratio Tolerances
(Ratio to R1)
Best
Absolute TCR
Tracking TCR
(Track to R1)
Isolated
Schematics
7907/7807
7908/7808
10Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50 ppm/°C
25.0Ω - 49.9Ω
F G J
D F G
±100 ppm/°C
±25 ppm/°C
50Ω - 199Ω
D F G J
B D F G
±50 ppm/°C
±10 ppm/°C
200Ω - 999Ω
B D F G J
B D F G
±25 ppm/°C
±5 ppm/°C
1.0K -50.0K
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Isolated
Schematic
7909/7809
10Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50ppm/°C
25Ω - 74.9Ω
F G J
D F G
±100 ppm/°C
±25 ppm/°C
75Ω - 379Ω
D F G J
B D F G
±50 ppm/°C
±10 ppm/°C
380Ω - 999Ω
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
1.0KΩ - 100KΩ
B D F G J
T Q A B D F G
±25 ppm/°C
±5 ppm/°C
101KΩ - 250KΩ
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Bussed
Schematic
7900/7800
10Ω - 24.9Ω
F G J
D F G
±300 ppm/°C
±50ppm/°C
25Ω - 74.9Ω
F G J
D F G
±100 ppm/°C
±25ppm/°C
75Ω - 149Ω
F G J
B D F G
±50 ppm/°C
±10ppm/°C
150Ω - 100KΩ
B D F G J
A B D F G
±25 ppm/°C
±5ppm/°C
Manufacturing Capability Data
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com