Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR Datasheet(PDF) 3 Page - TT Electronics.

Part # CDR
Description  Robust terminations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CDR Datasheet(HTML) 3 Page - TT Electronics.

  CDR Datasheet HTML 1Page - TT Electronics. CDR Datasheet HTML 2Page - TT Electronics. CDR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
Type
2
Value
3
Tolerance
4
Packing
CDR01
E6 = 3/4 characters
K = ±10%
B01
all sizes 100/box
CDR02
K = kilohms
CDR03
M = megohms
CDR04
CDR05
CDR06
C
D
R
0
4
-
6
8
0
K
K
B
0
1
1
2
3
4
Ordering Procedure
Part Number: CDR04-680KKB01 (CDR04, 680 kilohms ±10%, bulk packed)
Capacitor Discharge Resistors
CDR Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com