Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP05480LL Datasheet(PDF) 3 Page - Littelfuse

Part # LSP05480LL
Description  LED Lighting Surge Protection Module > LSP05
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP05480LL Datasheet(HTML) 3 Page - Littelfuse

  LSP05480LL Datasheet HTML 1Page - Littelfuse LSP05480LL Datasheet HTML 2Page - Littelfuse LSP05480LL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surge Protection Module
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/09/16
3
LED Lighting Surge Protection Module > LSP05
L
N
G
SPD
L
L
N/G
or
AC/DC
Power
Supply
LED Module
L
N
+
-
R
LED normally on
Parallel Connection
With LED indicating SPD status
- ON (green): SPD is online
- OFF: SPD needs replacement
LSP05xxxPM
R1
R2
R3
NC
L
N
G
SPD
L
L
N/G
or
L
L
N/G
or
LED Module
L
N
+
-
R
LED normally off
Parallel Connection
With LED indicating SPD status
- OFF: SPD is online
- ON (red): SPD needs replacement
LSP05xxxPM
R1
R2
R3
AC/DC
Power
Supply
L
N
G
SPD
LED Module
L
N
+
-
Parallel Connection
AC/DC
Power
Supply
L
N
G
SPD
LED Module
L
N
+
-
Parallel Connection
(for Class II Unearthed)
~X3316
AC/DC
Power
Supply
Part Numbering System
Device Family
Littelfuse Surge Protection Module
LSP 05 480LL P Xxxxx
Nominal Discharge
Current (In)
Operating Voltage
Connection mode
LL: for L,L,N/G
Blank: L-N, L-G, N-G
P or PM
(P: parallel connection; PM: parallel
connection and with monitor indication wire)
Other non-standard option:
X3333: with GND wire connection, available for
240Vac and 277Vac rating with CE Marking for
Class I earthed installation
Wire Color: Line: Brown, Neutral: Blue, Ground/P:
Green with yellow stripe
3316: without GND wire connection option
Wire Color: Line: Brown, Neutral: Blue
Notes:
1. LED indicator and associated circuitry are not included in the module.
2. R1 must be capped off by wire nut when not connected (NC).
3. R1 and R2 are AC line voltage (hot); R3 is AC neutral voltage.
4. R2 voltage is cut off when SPD needs replacement.
5. R is current limiting resistor; it resistance/wattage is determined by AC line voltage
and desired current driving LED. Example: AC line voltage 240V, LED: 1.6mA, resistor:
150Kohm/0.5W.
Application/Installation Schematic
Dimensions
Notes:
1. Black: Line; White: Neutral; Green: Ground
(P/N with suffix X3333/X3316: Brown: Line; Blue: Neutral; Green-Yellow stripe: Ground)
2. Black: R1; Red: R2; Blue: R3
3. Wire Gauge: AWG14 wire Line in, AWG22 Wire for indication; Wire Length: 100mm or
customized
56.0 ±0.5
100 ±20
100 ±20
48.0 ±1.5
48.0±1.5
Typical Dimensions (mm)
3 indication wires
all use the AWG22.
2x ø4.8±0.2
LSP05XXXXXP
LSP05XXXXXPM
64.0 ±1.5
30.0 ±1.0
6 ±2
6 ±2
2.3 ±0.2
56.0 ±0.5
100 ±20
100 ±20
48.0 ±1.5
48.0±1.5
Typical Dimensions (mm)
3 indication wires
all use the AWG22.
2x ø4.8±0.2
LSP05XXXXXP
LSP05XXXXXPM
64.0 ±1.5
30.0 ±1.0
6 ±2
6 ±2
2.3 ±0.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com