Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP10240LL Datasheet(PDF) 3 Page - Littelfuse

Part # LSP10240LL
Description  LED Lighting Surge Protection Module > LSP10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSP10240LL Datasheet(HTML) 3 Page - Littelfuse

  LSP10240LL Datasheet HTML 1Page - Littelfuse LSP10240LL Datasheet HTML 2Page - Littelfuse LSP10240LL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surge Protection Module
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/11/16
7
LED Lighting Surge Protection Module > LSP10
L
N
G
SPD
L
L
N/G
or
AC/DC
Power
Supply
LED Module
L
N
+
-
Parallel Connection
L
N
G
SPD
L
L
N/G
or
LED Module
L
N
+
-
LED normally on
Parallel Connection
With LED indicating SPD status
- ON (green): SPD is online
- OFF: SPD needs replacement
LSP10xxxS
LSP10xxxS
AC/DC
Power
Supply
R
L
N
G
SPD
LED Module
L
N
+
-
Parallel Connection
(for Class II Unearthed)
AC/DC
Power
Supply
~X3316
L
N
G
SPD
LED Module
L
N
+
-
Series Connection
(for Class II Unearthed)
~X3316
AC/DC
Power
Supply
L
N
G
SPD
L
L
N/G
or
LED Module
L
N
+
-
Series Connection
AC/DC
Power
Supply
Notes:
1. Series module used in parallel connection for indication circuit connection.
2. LED indicator and associated circuitry are not included in the module.
3. Black wire is AC line voltage (hot); white wire is AC neutral voltage.
4. Black wire voltage is cut off when SPD needs replacement.
5. R is current limiting resistor; it resistance/wattage is determined by AC line voltage and
desired current driving LED. Example: AC line voltage 240V, LED: 1.6mA, resistor:
150Kohm/0.5W.
Part Numbering System
Device Family
Littelfuse Surge Protection Module
LSP 10 480LL P Xxxxx
Nominal Discharge
Current (ln)
Operating Voltage
Connection mode
LL: for L, L, N/G
Blank: L-N, L-G, N-G
P or S
(P: parallel connection; S: series connection)
Other non-standard option
X3333: with GND wire connection, available
in 240 and 277Vac, CE marked,
Class I installations, earthed
Wire Color: Line: Brown, Neutral: Blue,
Ground/P: Green with yellow stripe
X3316: without GND wire connection, available
in 240 and 277Vac ratings, CE marked
for Class II installations, unearthed
Wire Color: Line: Brown, Neutral: Blue
Dimensions
Notes:
1. Black: Line; White: Neutral; Green: Ground.
(P/N with suffix X3333/X3316: Brown: Line; Blue: Neutral; Green-Yellow stripe: Ground)
2. Wire Gauge: AWG14 wire Line in/out; Wire Length: 100mm or customized.
LSP10XXXXXP
LSP10XXXXXS
56.0 ±0.5
100 ±20
100 ±20
48.0 ±1.5
48.0±1.5
Typical Dimensions (mm)
2x ø4.8±0.2
64.0 ±1.5
30.0 ±1.0
6 ±2
6 ±2
2.3 ±0.2
LSP10XXXXXP
LSP10XXXXXS
56.0 ±0.5
100 ±20
100 ±20
48.0 ±1.5
48.0±1.5
Typical Dimensions (mm)
2x ø4.8±0.2
64.0 ±1.5
30.0 ±1.0
6 ±2
6 ±2
2.3 ±0.2
Application/Installation Schematic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com