Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALC40DF271DF500 Datasheet(PDF) 5 Page - Kemet Corporation

Part # ALC40DF271DF500
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF271DF500 Datasheet(HTML) 5 Page - Kemet Corporation

  ALC40DF271DF500 Datasheet HTML 1Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 2Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 3Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 4Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 5Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 6Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 7Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 8Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Termination Tables cont'd
L
SIDE VIEW
TERMINAL
END VIEW
D
PCB LAYOUT
2 ±0.1
Style A/D
L
SIDE VIEW
TERMINAL
END VIEW
D
PCB LAYOUT
4.75 ±0.1
Style F
L
SIDE VIEW
TERMINAL
END VIEW
D
PCB LAYOUT
Style C/E
LL
10 ±0.1
10 ±0.1
+
-
3.3 ±0.1
Ø2.5 Minimum
+ ve
Ø2 ±0.1 Typical
+
-
30°
30°
- ve
4 Holes Ø2 ±0.1
on a Ø22.5 PCD
+ ve
L
SIDE VIEW
TERMINAL
END VIEW
D
PCB LAYOUT
Style G/H
+
-
30°
30°
- ve
5 Holes Ø2 ±0.1
on a Ø25.0 PCD
+ ve
LL
LL
LL
30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com