Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFSERIES Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BFSERIES
Description  7X5MM SMD LVDS CXO BF SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BFSERIES Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BFSERIES Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications
Features
Dimensions
Units:mm
44
Remark : Specification subject to change without prior notice. Please confirm with our sales.
O s c i l l a t o r s
Item / Type
7 x 5 mm SMD LVDS CXO
BF SERIES
3rd overtone solution.
3.3V and 2.5V operation available.
LVDS output, output frequencies 50 MHz to 160 MHz.
Excellent low phase noise and jitter.
Tri-State function available.
Applications : Fibre Channel, Gigabit Ethernet, Serial ATA,
Serial Attached SCSI, PCI-Express, SDH / SONET.
RoHS Compliant / Pb Free.
>
>
>
>
>
>
>
LVDS
100
3rd Overtone
2.5 V , 3.3 V
50 ~ 160 MHz
± 50 ppm ( - 40 ~ + 85
- 40 ~ + 85 oC
- 55 ~ + 125 oC
0.9 V / 1.6 V
1 ns Max.
80 mA Max.
45 ~ 55 %
10 ms Max.
1 ps Max.
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Overall Frequency Stability *
Operating Temperature Range
Storage Temperature Range
Voltage Vol ( Min.) / Voh ( Max. )
Rise ( Tr ) / Fall ( Tf ) Time ( 20 % ~ 80 % )
Supply Current
Symmetry
Start-up Time
Phase Jitter ( 12 KHz ~ 20 MHz )
BF
* Inclusive of initial tolerance, operating temperature, supply voltage variation and aging.
PAD FUNCTION:
1:ENABLE CONTROL
2:NC
3:GND
4:OUT
5:~OUT
6:VDD
Suggested Layout
TXC BFAe
53
212.500
TXC BFAe
53
212.500
oC )


Similar Part No. - BFSERIES

ManufacturerPart #DatasheetDescription
logo
Fischer Elektronik GmbH...
BFS 1 FISCHERELEKTRONIK-BFS 1 Datasheet
78Kb / 1P
Accessories for insert mo-dules and part front panels
BFS 2 FISCHERELEKTRONIK-BFS 2 Datasheet
78Kb / 1P
Accessories for insert mo-dules and part front panels
logo
List of Unclassifed Man...
BFS-15W02 ETC2-BFS-15W02 Datasheet
434Kb / 2P
VGA output for 2nd monitor
BFS-15W02-S ETC2-BFS-15W02-S Datasheet
434Kb / 2P
VGA output for 2nd monitor
BFS-15W02-V ETC2-BFS-15W02-V Datasheet
434Kb / 2P
VGA output for 2nd monitor
More results

Similar Description - BFSERIES

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4710 FOX-F4710 Datasheet
207Kb / 1P
LVDS 7x5mm 2.5V Oscillator
F4700 FOX-F4700 Datasheet
78Kb / 1P
LVDS 7x5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQVP-LC72 EUROQUARTZ-EQVP-LC72 Datasheet
166Kb / 1P
LVDS 7x5mm 2.5V VCXO
EQVP-LC73 EUROQUARTZ-EQVP-LC73 Datasheet
166Kb / 1P
LVDS 7x5mm 3.3V VCXO
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
LVDS 7x5mm 3.3V OSCILLATOR
HPA576 EUROQUARTZ-HPA576 Datasheet
378Kb / 1P
7x5mm SMD 6 pad
logo
List of Unclassifed Man...
BBSERIES ETC2-BBSERIES Datasheet
694Kb / 1P
7X5MM SMD LVPECL CXO BB SERIES
logo
Fox Electronics
O7HS FOX-O7HS Datasheet
296Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7LS FOX-O7LS Datasheet
229Kb / 3P
7x5mm LVDS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com