Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1165CEUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1165CEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165CEUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1165CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 13Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 14Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
______________________________________________________________________________________
13
Chip Information
TRANSISTOR COUNT: 15,140
PROCESS: BiCMOS
REFERENCE
CLOCK
OUTPUT
REGISTERS
CAPACITIVE
DAC
SUCCESSIVE-
APPROXIMATION
REGISTER AND
CONTROL LOGIC
16 OR 8*
16 OR 8*
D0–D15
OR
D0/D7–D8/D15*
REFADJ
REF
EOC
HBEN*
AIN
AGND
AVDD AGND DVDD DGND
RESET**
CS
R/C
* BYTE WIDE (MAX1166 ONLY)
**16-BIT WIDE (MAX1165 ONLY)
5k
Ω
MAX1165
MAX1166
Functional Diagram
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
INL
MAX1166ACUP*
0°C to +70°C
20 TSSOP
±2
MAX1166BCUP
0°C to +70°C
20 TSSOP
±2
MAX1166CCUP
0°C to +70°C
20 TSSOP
±4
MAX1166AEUP*
-40°C to +85°C
20 TSSOP
±2
MAX1166BEUP*
-40°C to +85°C
20 TSSOP
±2
MAX1166CEUP*
-40°C to +85°C
20 TSSOP
±4
*Future product—contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com