Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHC Datasheet(PDF) 2 Page - TT Electronics.

Part # CHC
Description  Excellent high frequency performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CHC Datasheet(HTML) 2 Page - TT Electronics.

  CHC Datasheet HTML 1Page - TT Electronics. CHC Datasheet HTML 2Page - TT Electronics. CHC Datasheet HTML 3Page - TT Electronics. CHC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ceramic Ball Grid
Termination Arrays
CHC Series
CHC Series Issue April 2011 Sheet 2 of 4
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Ceramic Ball Grid
Termination Arrays
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
Frequency (GHz)
Average return loss for 1mm pitc hed bussed schematic respect to reference pin.
Where reference pins are B1 to B9 referring to CC0910B schematic.
0
5
10
15
20
25
30
35
40
45
50
Frequency (GHz )
024
6
8
10
12
14
16
18
20
Average return loss for 0.65mm pitched bussed schematic for elements away from reference pins.
For example: CB0565B, reference pins are A3 or B3
Typical Return Loss For CD1065B-01-50R0-F
Return Loss Data (50
Ω Nominal)
Typical Return Loss For CC0910B-01-50R0-F
Eye Diagram Data
Ideal Terminator
IRC CHC-CC0910B-01-50R0-F Terminator
140
130
120
110
100
90
80
40
50
60
70
10
20
30
0
0.2
0.5
0.4
0.3
0.1
0.0
1.1
1.0
0.9
0.8
0.7
0.6
1.2
150
Time, nsec
Ideal 50 Terminator
Impedance response to 100psec rising edge
Impedance Response Data
140
130
120
110
100
90
80
40
50
60
70
10
20
30
0
0.2
0.5
0.4
0.3
0.1
0.0
1.1
1.0
0.9
0.8
0.7
0.6
1.2
150
Time, nsec
IRC CHC-CC0910B-01-50R0-F Terminator
Impedance response to 100psec rising edge
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com