Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBT Datasheet(PDF) 2 Page - TT Electronics.

Part # IBT
Description  Meets performance standards of EIA RS-172
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

IBT Datasheet(HTML) 2 Page - TT Electronics.

  IBT Datasheet HTML 1Page - TT Electronics. IBT Datasheet HTML 2Page - TT Electronics. IBT Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Carbon Composition
Resistor
IBT Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Resistance Temperature Characteristics
C
°
5
0
1
-
C
°
5
5
-
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
Maximum percent resistance
change from room temperature
(+25°C) value
under 1K
1K to 9.1 K
10K to 91K
100K to 910K
1 meg to 10 meg
+2.0 to +5.0
+5.0 to +9.0
+8.0 to +11.0
+10.0 to +14.0
13.0 to +20.0
-4.0 to -2.0
-5.0 to -3.0
-7.0 to -5.0
-9.0 to -7.0
-14.0 to -9.0
Dimensions (Inches and (mm))
D
C
B
A
e
p
y
T
C
R
I
IBT 1/4
1.18 ± 0.12
(30.00 ± 3.0)
0.248 ± 0.028
(6.3 ± 0.70)
0.024 ± 0.002
(0.60 ± 0.05)
0.094 ± 0.004
(2.40 ± 0.10)
IBT 1/2
1.1 ± 0.12
(28.00 ± 3.0)
0.374 + 0.032 / -0.028
(9.50 + 0.80 / -0.70)
0.0275 ± 0.002
(0.70 ± 0.05)
0.142 ± 0.008
(3.6 ± 0.20)
Physical Data
B
C
A
A
D
PACKAGING:
5000/reel
1000/bulk
IBT Series
Carbon Composition Resistor
IBT Series Issue September 2010 Sheet 2 of 2
Make Possible
4.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com