Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHVC Datasheet(PDF) 2 Page - TT Electronics.

Part # LHVC
Description  Resistance 50K to 10M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LHVC Datasheet(HTML) 2 Page - TT Electronics.

  LHVC Datasheet HTML 1Page - TT Electronics. LHVC Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lower Range High
Voltage Chip Resistors
LHVC Series
Welwyn Components
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 11
Lower Range High Voltage Chip Resistors
LHVC Series
Flammability
The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload.
Solderability
95% min coverage (MIL-STD 202F / 208H, 235C 2 secs)
Mounting (nominal dimensions in mm)
Packaging
The standard packing for LHVC0603, 0805 and 1206 is in 8mm wide paper tape, for LHVC2010 is in 12mm widepaper tape and for LHVC2512 is
in 12mm wide plastic tape. This is wound on a reel of 178mm diameter.
Ordering Procedure
Example: LHVC0805 at 100 kilohms and 1% tolerance on reel of 5000 pieces:
L H V C 0 8 0 5 – 1 0 0 K F T 5
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
T5
T4
0603 / 0805 / 1206
5,000 / reel
Standard
T4
2010 / 2512
4,000 / reel
F
1%
J
5%
Type
A
B
C
LHVC0603
0.7
0.7
1.0
LHVC0805
1.0
0.8
1.50
LHVC1206
2.0
1.0
1.75
LHVC2010
4.0
1.2
2.75
LHVC2512
5.3
1.2
3.5
B
C
A
Performance Data
Maximum
Load at rated power
ΔR%
(1000hrs cyclic load at 70°C)
±3
De-rating from rated power at 70°C
See Graph
Short term overload
ΔR%
(6.25 x rated power for 5s)
±2
Temperature rapid change
ΔR%
(-55 / +155ºC, 5 cycles)
1% tolerance: ±0.5,
5% tolerance: ±1
Damp heat steady state
ΔR%
±3
Insulation resistance
ΔR%
>1000M
Ω
Powerde-rating graph
Proportion ofPr
T (°C)
100%
0%
-5570
155
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com