Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRK Datasheet(PDF) 2 Page - TT Electronics.

Part # LRK
Description  Low temperature coefficient
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRK Datasheet(HTML) 2 Page - TT Electronics.

  LRK Datasheet HTML 1Page - TT Electronics. LRK Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thick Film Low Resistance
Kelvin Flip Chip
LRK Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
32
Test
Test Method
Typical Performance
Thermal shock
MIL-STD-202, method 107D -55 to 125°C, 5 cycles 30 Min
±0.5%
Short time overload
MIL-PRF-55342
±0.5%
High temperature exposure
MIL-PRF-55342 100 hours at 125°C
±0.5%
Temperature cycling
MIL-STD-833, method 1010 test condition B
±0.25%
Moisture resistance
MIL-STD-202, method 106E
±0.5%
Load life
MIL-STD-202, method 108 rated power 1000 hours at 70°C
±1.0%
Low temperature operation
MIL-PRF-55342
±0.5%
120
100
80
60
40
20
0
30
50
70
90
110
130
150
Ambient Temperature (oC)
Derating Curve
Packaging
Resistors are supplied taped and reeled.
Performance Data
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com