Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMAP3920A-R0002 Datasheet(PDF) 1 Page - TT Electronics.

Part # LRMAP3920A-R0002
Description  Standard power rating up to 5W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRMAP3920A-R0002 Datasheet(HTML) 1 Page - TT Electronics.

  LRMAP3920A-R0002 Datasheet HTML 1Page - TT Electronics. LRMAP3920A-R0002 Datasheet HTML 2Page - TT Electronics. LRMAP3920A-R0002 Datasheet HTML 3Page - TT Electronics. LRMAP3920A-R0002 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Resistance Metal Alloy
Power Resistors
LRMAP3920
Resistancerange0.2mΩto2mΩ
Excellentlong-termstability
Standardpowerratingupto5W
Thermalsubstratepowerratingupto10W
Currentsensingforpowerelectronics
AEC-Q200qualified
Dimensions in mm and weight in mg
Type
L
±0.3
L1
+0.2
-0.3
H
+0.3
-0.2
A
max
D
±0.5
B
±0.1
T
nom
Wt.
nom
LRMAP3920A-R0002
10.0
4.0
5.2
0.6
2.0
0.5
1.50
694
LRMAP3920B-R0003
5.0
1.43
608
LRMAP3920B-R0005
0.85
380
LRMAP3920B-R0007
0.62
271
LRMAP3920B-R001
0.43
188
LRMAP3920C-R001
1.36
542
LRMAP3920C-R0015
0.90
361
LRMAP3920C-R002
0.67
277
LRMAP3920
Alloytype
A
B
C
Resistancevalue
0.2
0.3
0.5
0.7
1
1
1.5
2
Powerrating(standard),Pr1201
W
5
4
5
4.5
4
Powerrating(thermalsubstrate),Prts702
W
10
7
Overloadrating(5s)1
W
25
20
25
23
20
Continuouspulseenergy
J
11
13
8
6
4
12
9
6
Internalthermalimpedance,Rthi
°C/W
2.5
4
6
9
12
7
11
14
Resistancetolerance
%
1
TCR(20to60°C)
ppm/°C
±200
±150
±70
±60
±50
Thermal EMF
µV/°C
<2
Inductance
nH
<3
Ambienttemperature
°C
-55 to 170
Marking
The component is laser marked with “3920”, alloy type, ohmic value and tolerance.
Solvent Resistance
The component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Construction
The component is formed from a continuous band of E-beam welded precision resistive strip. Various alloys are used based on the
resistance value.
Electrical Data
Physical Data
Note 1: Mounted on FR4 board. See Thermal Data and Mounting section for details.
Note 2: Mounted on thermal substrate. See Thermal Data and Mounting section for details.
Make Possible
Resistors
12.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - LRMAP3920A-R0002

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
logo
RFE international
LRMA RFE-LRMA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20FA RFE-LRMA080505D0M20FA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20FZ RFE-LRMA080505D0M20FZ Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
LRMA080505D0M20MA RFE-LRMA080505D0M20MA Datasheet
1Mb / 9P
SURFACE MOUNT RESISTORS
2022.03.23
More results

Similar Description - LRMAP3920A-R0002

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
395PT NELLSEMI-395PT Datasheet
834Kb / 3P
Voltage rating up to 1600V
800PT NELLSEMI-800PT Datasheet
883Kb / 3P
Voltage rating up to 1600V
910PT NELLSEMI-910PT Datasheet
126Kb / 2P
Voltage rating up to 2600V
1010PT NELLSEMI-1010PT Datasheet
1Mb / 5P
Voltage rating up to 3800V
1150PT NELLSEMI-1150PT Datasheet
2Mb / 2P
Voltage rating up to 2000V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
Voltage rating up to 1200V
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
Voltage rating up to 1600V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
Voltage rating up to 1600V
logo
Gennum Corporation
TS51231 GENNUM-TS51231 Datasheet
275Kb / 10P
Wireless power systems up to 5W output
logo
Renesas Technology Corp
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com