Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMAP3920B-R0007 Datasheet(PDF) 2 Page - TT Electronics.

Part # LRMAP3920B-R0007
Description  Standard power rating up to 5W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRMAP3920B-R0007 Datasheet(HTML) 2 Page - TT Electronics.

  LRMAP3920B-R0007 Datasheet HTML 1Page - TT Electronics. LRMAP3920B-R0007 Datasheet HTML 2Page - TT Electronics. LRMAP3920B-R0007 Datasheet HTML 3Page - TT Electronics. LRMAP3920B-R0007 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Test
Method
±ΔR%
Typical
Maximum
LoadLife
1000 hours, cyclic load at Pr120
0.5
1.0
ShortTermOverload
5 seconds, 5 x Pr120
0.1
0.5
HighTemperatureExposure
1000 hours, 170°C
0.3
1.0
TemperatureCycle
1000 cycles,-55 to +125°C, 15 minute dwell
0.1
0.5
LowTemperatureStorage
1000 hours,-55°C
0.1
0.2
BiasedHumidity
1000 hours, 85°C, 85%RH
0.2
1.0
MoistureResistance
MIL-STD-202 method 106
0.1
0.2
Vibration
MIL-STD-202 Method 204
0.1
0.2
MechanicalShock
MIL-STD-202 Method 213
0.1
0.5
BoardFlex
AEC Q200-005
No damage
Terminal Strength
AEC Q200-006
No damage
ResistancetoSolderHeat
MIL-STD-202 Method 210
0.3
0.5
Solderability
J-STD-002
95% coverage
ResistancetoSolvents
MIL-STD-202 Method 215
No damage
Nominal Reference Mounting Pad Dimensions (mm)
a
b
L
6.2
2.7
5.6
Low Resistance Metal Alloy
Power Resistors
LRMAP3920
Performance Data
Thermal Data & Mounting
Make Possible
12.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
FR4 board details: 102x51mm, high Tg FR4 board with 70µm (2 ounce) inner and outer Cu planes or similar substrate, such that terminal
temperature is maintained at ≤120°C.
Thermal substrate details: DBC or similar thermal substrate, such that terminal temperature is maintained at ≤70°C.
Hotspot
Range
Hotspot
Range
Terminal
Range
Terminal
Range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com