Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAR Datasheet(PDF) 2 Page - TT Electronics.

Part # MAR
Description  very low tcrs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MAR Datasheet(HTML) 2 Page - TT Electronics.

  MAR Datasheet HTML 1Page - TT Electronics. MAR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ultra Precision
Metal Film Resistors
MAR 40/42 series
ec
n
a
m
rof
r
e
P
l
a
ut
c
A
d
e
t
on
e
r
e
h
w
t
p
e
c
x
e
2
8
1
5
5
R
-
L
IM
r
e
p
s
no
i
t
i
dno
c
t
s
e
T
l
a
c
i
py
T
mum
i
x
aM
Load at rated power: 1000 hrs at 85°C
∆
2
0.0
5
0.0
%R
Dry heat: 1000 hrs at 155°c
∆
5
0.0
0
1.0
%R
Shelf life: 12 months at room temperature
∆
300
.
0
1
0.0
%R
C
°
551
t
a
o
r
e
Z
c
°
5
8
ta
re
w
o
p
d
etar
m
o
r
f
g
n
itare
D
Short term overload
∆
100
.
0
1
0.0
%R
Damp heat (IEC 68-2-3)
∆
2
0.0
4
0.0
%R
Thermal shock (tested per method 107, MIL-STD 202 condition F)
∆
1
0.0
4
0.0
%R
Effect of solder (tested per method 210, MIL-STD 202)
∆
300
.
0
2
0.0
%R
Vibration and bump
∆
200
.
0
2
0.0
%R
3
0.0
1.0
V/V
µ
)
y
c
neu
qe
r
f
f
o
eda
c
ed
a
n
i(
e
s
i
o
N
5
0.0
<
2.0
V
/
mp
p
e
c
na
t
s
i
s
e
r
f
o
t
ne
i
c
if
f
eo
c
ega
tl
o
V
Ultra Precision
Metal Film Resistors
MAR 40/42 series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
181
Issue B · 03.02
Welwyn Components
Performance Data
Matched Sets and Networks
Welwyn has many years experience in the supply of matched
sets of precision resistors.
Resistors in a set can be supplied matched for tolerance and
TCR down to 0.005% and 1ppm/°C of each other.
Packaging
The standard packaging is loose in boxes of 50 or 300
resistors.
Ordering Procedure
Example: MAR40 with TCR of 5ppm/°C at 68.1 kilohms and 0.005% tolerance in a box of 50
pieces -
M A R 4 0 V – 6 8 K 1 E I
Type
TCR (0 to 60 C)
H
2 ppm/
°C
V
5 ppm/
°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
E
0.005%
B
0.1%
L
0.01%
C
0.25%
P
0.02%
D
0.5%
W 0.05%
F
1%
Packing
I
Bulk
MAR40, MAR42
50/box
Standard
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com